Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAQY216A Datasheet (PDF) - COSMO Electronics Corporation

KAQY216A Datasheet PDF - COSMO  Electronics Corporation
Part # KAQY216A
Download  KAQY216A Download
File Size   473.44 Kbytes
Page   12 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description 4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT

KAQY216A Datasheet (PDF)

Go To PDF Page Download Datasheet
KAQY216A Datasheet PDF - COSMO  Electronics Corporation

Part # KAQY216A
Download  KAQY216A Click to download

File Size   473.44 Kbytes
Page   12 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description 4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT

KAQY216A Datasheet (HTML) - COSMO Electronics Corporation


KAQY216A Product details

Description
The KAQY216 series is robust, ideal for telecom and ground fault applications. It is a SPST normally open switch (1 Form A) that replaces electromechanical relays in many applications. It is constructed using a GaAlAs LED for actuation control and an integrated monolithic die for the switch output. The die, fabricated in a high-voltage dielectrically isolated technology, is comprised of a photodiode array, switch control circuitry and MOSFET switches.

Features
1. Normally open, single pole single throw
2. Control 600V AC or DC voltage
3. Switch 120mA loads
4. Controls low-level analog signals
5. High sensitivity, low ON resistance
6. Low-level off-state leakage current
7. High isolation voltage
8. Pb free and RoHS compliant
9. Agency Approvals:
   • UL1577 / CUL C22.2 No.1 & NTC No.5, File No. E169586
   • UL 508 / CUL C22.2 No.14-M91, File No. E108430
   • VDE EN60747-5-2 , File No. 40020973

Application
• Telecommunications (PC, electronic notepad)
• Modem
• Telephone equipment
• Security equipment
• Sensors
• Measuring and testing equipment
• Factory automation equipment
• High speed inspection machines




Similar Part No. - KAQY216A

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQY216A COSMO-KAQY216A Datasheet
166Kb / 7P
PRODUCT SPECIFICATION
KAQY216ATL COSMO-KAQY216ATL Datasheet
255Kb / 12P
4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216ATLD COSMO-KAQY216ATLD Datasheet
255Kb / 12P
4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216ATR COSMO-KAQY216ATR Datasheet
255Kb / 12P
4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216ATRU COSMO-KAQY216ATRU Datasheet
255Kb / 12P
4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Similar Description - KAQY216A

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQY213 COSMO-KAQY213 Datasheet
485Kb / 12P
4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY210 COSMO-KAQY210_15 Datasheet
256Kb / 12P
4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212 COSMO-KAQY212_15 Datasheet
264Kb / 12P
4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212SE COSMO-KAQY212SE_15 Datasheet
204Kb / 12P
4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY213 COSMO-KAQY213_15 Datasheet
267Kb / 12P
4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY214 COSMO-KAQY214_15 Datasheet
255Kb / 12P
4PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY216 COSMO-KAQY216_15 Datasheet
255Kb / 12P
4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY217 COSMO-KAQY217_15 Datasheet
254Kb / 12P
4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1008 COSMO-KCP1008_15 Datasheet
209Kb / 11P
4PIN 100V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1017 COSMO-KCP1017_15 Datasheet
217Kb / 11P
4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com