Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78870 Datasheet (PDF) - ELAN Microelectronics Corp

EM78870 Datasheet PDF - ELAN Microelectronics Corp
Part # EM78870
Download  EM78870 Download
File Size   48.7 Kbytes
Page   4 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-BIT MICRO-CONTROLLER

EM78870 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM78870 Datasheet PDF - ELAN Microelectronics Corp

Part # EM78870
Download  EM78870 Click to download

File Size   48.7 Kbytes
Page   4 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-BIT MICRO-CONTROLLER

EM78870 Datasheet (HTML) - ELAN Microelectronics Corp


EM78870 Product details

General Description
The EM78870 is an 8-bit RISC type microprocessor with low power, high speed CMOS technology. Integrated onto a single chip are on_chip watchdog (WDT), RAM, ROM, programmable real time clock /counter, internal interrupt, power down mode, LCD driver, build-in KEY TONE clock generation, Programming Tone generators, Serial Peripheral Interface(SPI), comparator and tri-state I/O. The EM78870 provides a single chip solution to design a message_display.

Feature
CPU
• Operating voltage range : 2.2V~5.5V(Normal mode), 2.0V~5.5V(Green mode)
• 32K× 13 on chip Program ROM
• 2.5K× 8 on chip data RAM
• 144 byte working register
• Up to 51 bi-directional tri-state I/O ports (32 shared with LCD Segment pins)
• IO with internal Pull high, wake-up and interrupt functions
• STACK: 32 level stack for subroutine nesting
• TCC: 8-bit real time clock/counter (TCC) with 8-bit prescaler
• COUNTER1: 8-bit counter with 8-bit prescaler can be an interrupt source
• COUNTER2: 8-bit counter with 8-bit prescaler can be an interrupt source
• Watch Dog : Programmable free running on chip watchdog timer
• CPU modes:
• 12 interrupt source : 8 external , 4 internal
• Key Scan : Port key scan function up to 16x4 keys
• Sub-Clock: 32.768kHz crystal
• Main-clock: 3.5826MHz multiplied by 0.25, 0.5, 1 or 3 generated by internal PLL
• Key tone output (shared with IO) : 4kHz, 2kHz, 1kHz
• Comparator: 3-channel comparators, internal (16 level) or external reference voltage (shared with IO)
• Serial Peripheral Interface (SPI) : Interrupt flag available for the read buffer full, Programmable baud rates of communication, Three-wire synchronous communication. (shared with IO)

Programmable Tone Generators
• Operation Voltage 2.2V〜5.5V
• Programmable Tone1 and Tone2 generators
• Independent single tone generation for Tone1 and Tone2
• Mixed dual tone generation by Tone1 and Tone2 with 2dB difference

LCD (8x80, 9x80, 16x80, 24x72)
• Maximum common driver pins : 16/24
• Maximum segment driver pins : 80(SEG0..SEG79)/72(SEG8..SEG79)
• Shared COM16 ~ COM23 pins with SEG0 ~ SEG7 pins
• 1/4 bias for 8, 9 and 16 common mode and 1/5 bias for 24 common mode
• 1/8, 1/9, 1/16, 1/24 duty
• 16 Level LCD contrast control (software)
• Internal resistor circuit for LCD bias
• Internal voltage follower for better display

Package type
• 128-pin QFP or chip : EM78870AQ (POVD disable), EM78870BQ (POVD enable), EM78870H

Application
    Cordless phones or any telephone product with large LCD needed




Similar Part No. - EM78870

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78871 EMC-EM78871 Datasheet
436Kb / 59P
8-BIT MICRO-CONTROLLER
EM78871AQ EMC-EM78871AQ Datasheet
436Kb / 59P
8-BIT MICRO-CONTROLLER
EM78871BQ EMC-EM78871BQ Datasheet
436Kb / 59P
8-BIT MICRO-CONTROLLER
EM78871H EMC-EM78871H Datasheet
436Kb / 59P
8-BIT MICRO-CONTROLLER
More results


Similar Description - EM78870

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com