Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P156EL Datasheet (PDF) - ELAN Microelectronics Corp

EM78P156EL Datasheet PDF - ELAN Microelectronics Corp
Part # EM78P156EL
Download  EM78P156EL Download
File Size   1390.16 Kbytes
Page   55 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-BIT MICRO-CONTROLLER

EM78P156EL Datasheet (PDF)

Go To PDF Page Download Datasheet
EM78P156EL Datasheet PDF - ELAN Microelectronics Corp

Part # EM78P156EL
Download  EM78P156EL Click to download

File Size   1390.16 Kbytes
Page   55 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-BIT MICRO-CONTROLLER

EM78P156EL Datasheet (HTML) - ELAN Microelectronics Corp


EM78P156EL Product details

GENERAL DESCRIPTION
EM78P156EL is an 8-bit microprocessor designed and developed with low-power and high-speed CMOS technology. It is equipped with 1K*13-bits Electrical One Time Programmable Read Only Memory (OTP-ROM). It provides a PROTECTION bit to prevent user’s code in the OTP memory from being intruded. 6 OPTION bits are also available to meet user’s requirements.
With its OTP-ROM feature, the EM78P156EL is able to offer a convenient way of developing and verifying user’s programs. Moreover, user can take advantage of EMC Writer to easily program his development code.

FEATURES
• Operating voltage range : 2.3V~5.5V
• Operating temperature range: 0°C~70°C
• Operating frequency rang (base on 2 clocks ):
   * Crystal mode: DC~20MHz at 5V, DC~8MHz at 3V, DC~4MHz at 2.3V.
   * ERC mode: DC~4MHz at 5V, DC~4MHz at 3V, DC~4MHz at 2.3V.
• Low power consumption:
   * Less then 2.0 mA at 5V/4MHz
   * Typically 15 µA at 3V/32KHz
   * Typically 1 µA during sleep mode
• 1K × 13 bits on chip ROM
• One security register to prevent intrusion of OTP memory codes
• One configuration register to accommodate user’s requirements
• 48× 8 bits on chip registers (SRAM, general purpose register)
• 2 bi-directional I/O ports
• 5 level stacks for subroutine nesting
• 8-bit real time clock/counter (TCC) with selective signal sources, trigger edges,
   and overflow interrupt
• Two clocks per instruction cycle
• Power down (SLEEP) mode
• Three available interruptions
   * TCC overflow interrupt
   * Input-port status changed interrupt (wake up from sleep mode)
   * External interrupt
• Programmable free running watchdog timer
• 8 programmable pull-high pins
• 7 programmable pull-down pins
• 8 programmable open-drain pins
• 2 programmable R-option pins
• Package types:
   * 18 pin DIP 300mil : EM78P156ELP
   * 18 pin SOP 300mil : EM78P156ELM
   * 20 pin SSOP 209mil : EM78P156ELAS
   * 20 pin SSOP 209mil : EM78P156ELKM
• 99.9% single instruction cycle commands
• The transient point of system frequency between HXT and LXT is around 400KHz




Similar Part No. - EM78P156EL

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P156E EMC-EM78P156E Datasheet
141Kb / 28P
8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EH EMC-EM78P156EH Datasheet
344Kb / 39P
8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EHAS EMC-EM78P156EHAS Datasheet
344Kb / 39P
8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EHKM EMC-EM78P156EHKM Datasheet
344Kb / 39P
8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EHM EMC-EM78P156EHM Datasheet
344Kb / 39P
8-bit microprocessor with low-power and high-speed CMOS technology
More results


Similar Description - EM78P156EL

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com