Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78860H Datasheet (PDF) - ELAN Microelectronics Corp

EM78860H Datasheet PDF - ELAN Microelectronics Corp
Part # EM78860H
Download  EM78860H Download
File Size   191.9 Kbytes
Page   26 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8 -BIT MICRO-CONTROLLER

EM78860H Datasheet (PDF)

Go To PDF Page Download Datasheet
EM78860H Datasheet PDF - ELAN Microelectronics Corp

Part # EM78860H
Download  EM78860H Click to download

File Size   191.9 Kbytes
Page   26 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8 -BIT MICRO-CONTROLLER

EM78860H Datasheet (HTML) - ELAN Microelectronics Corp


EM78860H Product details

GENERAL DESCRIPTION
The EM78P860 is an 8-bit RISC type microprocessor with low power , high speed CMOS technology . Integrated onto a single chip are on_chip watchdog (WDT) , RAM , ROM , programmable real time clock /counter , internal interrupt , power down mode , LCD driver and tri-state I/O . The EM78P860 provides a single chip solution to design a message display .

FEATURES
CPU
• Operating voltage range : 2.5V~5.5V
• 16Kx13 on chip ROM
• 2.8Kx8 on chip RAM
• Up to 32 bi-directional tri-state I/O ports
• 8 Level stack for subroutine nesting
• 8-bit real time clock/counter (TCC)
• Two sets of 8 bit counters can be interrupt sources
• Selective signal sources and with overflow interrupt
• Programmable free running on chip watchdog timer
• 99.9% single instruction cycle commands
• Four modes (internal clock 3.679MHz, external 32.768KHz)
    1. Sleep mode : CPU and 3.679MHz clock turn off, 32.768KHz clock turn off
    2. Idle mode : CPU and 3.679MHz clock turn off, 32.768KHz clock turn on
    3. Green mode : 3.679MHz clock turn off, CPU and 32.768KHz clock turn on
    4. Normal mode : 3.679MHz clock turn on , CPU and 32.768KHz clock turn on
• Low battery detector
• Input port wake up function
• 8 interrupt source , 4 external , 3 internal
• 100 pin QFP (EM78860AQ, POVD disable) (EM78860BQ, POVD enable) or chip (EM78860H)
• Port key scan function
• Port interrupt , pull high and open drain functions
• Clock frequency 32.768KHz externally

LCD
• LCD operation voltage chosen by software
• Common driver pins : 16
• Segment driver pins : 60
• 1/4 bias
• 1/8,1/16 duty

APPLICATION
1. adjunct units




Similar Part No. - EM78860H

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78860H EMC-EM78860H Datasheet
125Kb / 25P
8-BIT MICRO-CONTROLLER
More results


Similar Description - EM78860H

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com