Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP78L05 Datasheet (PDF) - Diodes Incorporated

AP78L05 Datasheet PDF - Diodes Incorporated
Part # AP78L05
Download  AP78L05 Download
File Size   305.83 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS

AP78L05 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP78L05 Datasheet PDF - Diodes Incorporated

Part # AP78L05
Download  AP78L05 Click to download

File Size   305.83 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS

AP78L05 Datasheet (HTML) - Diodes Incorporated


AP78L05 Product details

Description
The AP78LXX Series is a three terminal positive regulator available with fixed output voltages from 5V, 8V and 12V, making them useful in a wide range of applications. When used as a Zener diode/resistor combination replacement, the AP78LXX can improve output impedance by two orders of magnitude, and lower quiescent current. These regulators can provide local on card regulation, eliminating the distribution problems associated with single point regulation. The voltages available allow the AP78LXXs to be used in logic systems. Instrumentation, HiFi and other solid state electronic equipment.

Features
• Output voltages of 5.0V, 8.0V, 12V
• Output voltage tolerances of ±5% over the operating temperature ranges
• Output current in excess of 100mA
• Internal thermal overload protection
• Output transistor safe area protection
• Internal short circuit current limiting
• No external components
• Available in plastic TO92, SOT89 and plastic SO-8 low profile packages
• Lead Free Package: TO92 (Note 1)
• SO-8 and SOT89: Available in “Green” Molding Compound (No Br, Sb) (Note 2)
• Lead Free Finish / RoHS Compliant (Note 3)

Applications
• Communication
• CD-ROM
• DVD-Player
• Set-Top Box




Similar Part No. - AP78L05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP78L05 DIODES-AP78L05 Datasheet
314Kb / 9P
5V OUTPUT 3-TERMINAL POSITIVE REGULATOR
AP78L05 Rev. 4
AP78L05SG-13 DIODES-AP78L05SG-13 Datasheet
314Kb / 9P
5V OUTPUT 3-TERMINAL POSITIVE REGULATOR
AP78L05 Rev. 4
AP78L05SG-A DIODES-AP78L05SG-A Datasheet
314Kb / 9P
5V OUTPUT 3-TERMINAL POSITIVE REGULATOR
AP78L05 Rev. 4
AP78L05SL-13 DIODES-AP78L05SL-13 Datasheet
314Kb / 9P
5V OUTPUT 3-TERMINAL POSITIVE REGULATOR
AP78L05 Rev. 4
AP78L05SL-A DIODES-AP78L05SL-A Datasheet
314Kb / 9P
5V OUTPUT 3-TERMINAL POSITIVE REGULATOR
AP78L05 Rev. 4
More results


Similar Description - AP78L05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
3-Terminal Positive Regulators
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
3-Terminal Positive Regulators
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
Series 3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
3-Terminal Positive Regulators
LM340 NSC-LM340 Datasheet
920Kb / 17P
3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
3-Terminal Positive Regulators
logo
Diodes Incorporated
AP78L05 DIODES-AP78L05_09 Datasheet
284Kb / 15P
AP78LXX SERIES 3-TERMINAL POSITIVE
AP78L05/08/12 Rev. 9
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
3-Terminal Positive Regulators
logo
Diodes Incorporated
AP78LXX DIODES-AP78LXX_12 Datasheet
305Kb / 16P
AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
Rev 10
AP78L12YG-13 DIODES-AP78L12YG-13 Datasheet
305Kb / 16P
AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
Rev 10
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com