Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI7661M Datasheet (PDF) - Epson Company

SCI7661M Datasheet PDF - Epson Company
Part # SCI7661M
Download  SCI7661M Download
File Size   113.48 Kbytes
Page   9 Pages
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company
Description DC-DC Converter

SCI7661M Datasheet (PDF)

Go To PDF Page Download Datasheet
SCI7661M Datasheet PDF - Epson Company

Part # SCI7661M
Download  SCI7661M Click to download

File Size   113.48 Kbytes
Page   9 Pages
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company
Description DC-DC Converter

SCI7661M Datasheet (HTML) - Epson Company


SCI7661M Product details

DESCRIPTION
The SCI7661COA/MOACMOS DC-DC Converter features high operational performance with low power dissipation. It consists of two major parts: the booster circuitry and the regulator circuitry. The booster generates a doubled output voltage(–2.4 to –12V) or tripled output voltage(–3.6 to –18V) from the input (–1.2 to –6V). The regulator is capable of setting the output to any desired voltage. The regulated voltage can be given one of the three threshold temperature gradients.

FEATURES
● High performance with low power dissipation
● Simple conversion of VIN (–5V) to |VIN| (+5V), 2 |VIN| (+10V), 2VIN (–10V) or 3VIN(–15V)
● On-chip output voltage regulator
● Power conversion efficiency–Typ. 95%
● Temperature gradient for LCD power supply – 0.1% / °C, 0.4%/°C or 0.6%/ °C
● Power off by external signals – Stationary current at power off – Max. 2 µA
● Cascade connection–two device connected: VIN=–5V, VOUT=–20V
● On-chip C–R oscillator
● Package .................................... SCI7661C0A: DIP-14pin(plastic)
                                                       SCI7661M0A: SOP5-14pin(plastic)
                                                       SCI7661MAA: SSOP2-16pin(plastic)




Similar Part No. - SCI7661M

ManufacturerPart #DatasheetDescription
logo
Epson Company
SCI7660 EPSON-SCI7660 Datasheet
52Kb / 6P
DC-DC Converter
More results


Similar Description - SCI7661M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results




About Epson Company


Epson is a Japanese company that specializes in the manufacture of electronics and imaging products.
The company was founded in 1942 and is headquartered in Suwa, Nagano, Japan.
Epson offers a wide range of products including printers, projectors, industrial automation equipment, and more.
The company is known for its expertise in precision electronics and its innovative technologies in the fields of imaging, printing, and visual communication.
Epson has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its consumer and business products, Epson also provides a range of products and solutions for industrial and commercial applications, such as print head technologies, robotic systems, and wearable devices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com