Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL38573 Datasheet (PDF) - Ericsson

PBL38573 Datasheet PDF - Ericsson
Part # PBL38573
Download  PBL38573 Download
File Size   324.0 Kbytes
Page   15 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Speech Circuit for constant current feeding systems

PBL38573 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBL38573 Datasheet PDF - Ericsson

Part # PBL38573
Download  PBL38573 Click to download

File Size   324.0 Kbytes
Page   15 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Speech Circuit for constant current feeding systems

PBL38573 Datasheet (HTML) - Ericsson


PBL38573 Product details

Description.
PBL 38573 is a monolithic integrated speech transmission circuit for use in electronic telephones. It is intended specially for telephone lines with constant current feed. Maximum line current less than 130 mA in DIL package (100 mA in SO package). It is designed to accomodate either a low impedance dynamic or an electret microphone. A signal summing point at the transmitter input is available for DTMF dialler- and possible monitor or handsfree signals. An available internally preset line length compensation can be adjusted or shut off in low gain mode with external resistors.

Key features.
• Minimum number of external components for function,with one filtered DC-supply. 6 capacitors and 10 resistors.
• Easy adaption to various market needs.
• Mute control input for operation with DTMF - generator.
• Transmitter and receiver gain regulation for automatic loop loss compensation. Disconnectable.
• Extended current and voltage range 5 - 130mA (DIP), down to 2 V.
• Differential microphone input for good balance to ground.
• Balanced receiver output stage.
• Stabilized DC - supply for low current CMOS diallers and electret microphones.
• Short start up time.
• Excellent RFI performance.
• In 14- pin DIP and SO packages.




Similar Part No. - PBL38573

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
Universal Speech Circuit
PBL385701N ERICSSON-PBL385701N Datasheet
238Kb / 12P
Universal Speech Circuit
PBL385701SO ERICSSON-PBL385701SO Datasheet
238Kb / 12P
Universal Speech Circuit
PBL385701SOT ERICSSON-PBL385701SOT Datasheet
238Kb / 12P
Universal Speech Circuit
PBL38571 ERICSSON-PBL38571 Datasheet
261Kb / 14P
High current Speech and Line interface Circuit
More results


Similar Description - PBL38573

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6150 PANASONIC-AN6150 Datasheet
51Kb / 5P
Speech Network Circuit
logo
Sanyo Semicon Device
FC155 SANYO-FC155 Datasheet
114Kb / 4P
Constant-Current Circuit Applications
logo
Ericsson
PBL38541 ERICSSON-PBL38541 Datasheet
277Kb / 14P
Universal Speech Circuit
PBL38571 ERICSSON-PBL38571 Datasheet
261Kb / 14P
High current Speech and Line interface Circuit
logo
National Semiconductor ...
TP5700A NSC-TP5700A Datasheet
185Kb / 8P
Telephone Speech Circuit
logo
TEMIC Semiconductors
U4030B TEMIC-U4030B Datasheet
167Kb / 14P
Telephone Speech Circuit
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
UNIVERSAL SPEECH CIRCUIT
logo
Delta Electronics, Inc.
DRL-24V240W1AX DELTA-DRL-24V240W1AX Datasheet
860Kb / 15P
Built-in constant current circuit for reactive loads
logo
Shenzhen Huazhimei Semi...
HM9927 HMSEMI-HM9927 Datasheet
306Kb / 4P
LED linear constant current drive circuit
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com