Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL38814 Datasheet (PDF) - Ericsson

PBL38814 Datasheet PDF - Ericsson
Part # PBL38814
Download  PBL38814 Download
File Size   239.31 Kbytes
Page   14 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Voice - switched 2-channel Circuit with loudspeaker amplifier

PBL38814 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBL38814 Datasheet PDF - Ericsson

Part # PBL38814
Download  PBL38814 Click to download

File Size   239.31 Kbytes
Page   14 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Voice - switched 2-channel Circuit with loudspeaker amplifier

PBL38814 Datasheet (HTML) - Ericsson


PBL38814 Product details

Description.
The PBL 388 14 contains all the necessary circuitry, amplifiers, detectors, comparator and control functions to implement a high performance voice switched handsfree two- way communication system. The gain dynamics (attenuation between channels) is selectable (25dB or 50dB) via a separate pin. A background noise detector in the transmitting channel reduces the influence of continuous external noise signals to the switching .

Key Features
• Minimum of external components needed for function.
• Selectable gain dynamics. (25 or 50 dB)
• Low power consumption:≈1mA at 3.3V (typical) for speech switching, audio power amplifier quiscent current ≈1mA.
• Drives an 25 - 50 ohm loudspeaker without a transformer.
• Background noise compensation in the transmitting channel with hold function at receive.
• Input amplifiers of both channels have balanced inputs.
• Exellent noise performance.
• Encapsulated in 24 pin plastic ”skinny” DIP and 24 pin SO .




Similar Part No. - PBL38814

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38812 ERICSSON-PBL38812 Datasheet
133Kb / 10P
Voice-switch circuit for Handsfree speakerphone TAM
PBL388121SO ERICSSON-PBL388121SO Datasheet
133Kb / 10P
Voice-switch circuit for Handsfree speakerphone TAM
PBL388121SOT ERICSSON-PBL388121SOT Datasheet
133Kb / 10P
Voice-switch circuit for Handsfree speakerphone TAM
PBL38813 ERICSSON-PBL38813 Datasheet
299Kb / 16P
Voice-switched Speakerphone Circuit with built in loudspeaker amplifier
PBL388131N ERICSSON-PBL388131N Datasheet
299Kb / 16P
Voice-switched Speakerphone Circuit with built in loudspeaker amplifier
More results


Similar Description - PBL38814

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
Voice Switched Speakerphone Circuit
logo
Ericsson
PBL38813 ERICSSON-PBL38813 Datasheet
299Kb / 16P
Voice-switched Speakerphone Circuit with built in loudspeaker amplifier
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
Voice Switched Speakerphone Circuit
logo
New Japan Radio
NJW1128 NJRC-NJW1128 Datasheet
257Kb / 13P
Voice Switched Speakerphone Circuit with Speaker Amplifier
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
Voice Switched Speakerphone Circuit
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
Voice switched Speakerphone circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
Voice Switched Speakerphone Circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
VOICE SWITCHED SPEAKERPHONE CIRCUIT
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com