Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S216S01F Datasheet (PDF) - Sharp Corporation

S216S01F Datasheet PDF - Sharp Corporation
Part # S216S01F
Download  S216S01F Download
File Size   241.23 Kbytes
Page   13 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Triac output SSR

S216S01F Datasheet (PDF)

Go To PDF Page Download Datasheet
S216S01F Datasheet PDF - Sharp Corporation

Part # S216S01F
Download  S216S01F Click to download

File Size   241.23 Kbytes
Page   13 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Triac output SSR

S216S01F Datasheet (HTML) - Sharp Corporation


S216S01F Product details

■Features

1. Compact, high radiation resin mold package

2. RMS ON-state current

S112S01 Series: 12Arms at TC<= 70˚C (With heat sink)

S116S01 Series: 16Arms at TC<= 60˚C (With heat sink)

3. Built-in zero-cross circuit

(S112S02 / S212S02 / S116S02 / S216S02)

4. High repetitive peak OFF-state voltage

S112S01 / S112S02 / S116S01 / S116S02

VDRM : 400V

S212S01 / S212S02 / S216S01 / S216S02

VDRM : 600V

5. Isolation voltage between input and output : (Viso 4 000Vrms )

6. Recognized by UL, file No. E94758

S112S01 / S112S02

S116S01 / S116S02

7. Approved by CSA, No. 63705

S112S01 / S112S02

S116S01 / S116S02

 



■Applications

1. Copiers, laser beam printers

2. Automatic vending machines

3. FA equipment

 




Similar Part No. - S216S01F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S216S01 SHARP-S216S01 Datasheet
69Kb / 5P
SIP Type SSR for Medium Power Control
S216S01 SHARP-S216S01 Datasheet
241Kb / 13P
SIP 4pin Triac output SSR
More results


Similar Description - S216S01F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
PR23MF11NSZ SHARP-PR23MF11NSZ Datasheet
259Kb / 15P
Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF11NSZF SHARP-PR29MF11NSZF Datasheet
330Kb / 15P
Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF21NSZ SHARP-PR29MF21NSZ_04 Datasheet
318Kb / 15P
Zero Cross type DIP 8pin Triac output SSR
PR33MF51NSZF SHARP-PR33MF51NSZF Datasheet
253Kb / 14P
Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF51NSZF SHARP-PR36MF51NSZF Datasheet
253Kb / 14P
Non-Zero Cross type DIP 8pin Triac output SSR
S216SE2 SHARP-S216SE2 Datasheet
249Kb / 14P
Reinforced Insulation Type Zero Cross type SIP 4pin Triac output SSR
S201S06F SHARP-S201S06F Datasheet
244Kb / 13P
IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
PR3BMF51NSKF SHARP-PR3BMF51NSKF Datasheet
264Kb / 14P
1.2A, Non-Zero Cross type DIP 8pin Triac output SSR
S212S01F SHARP-S212S01F Datasheet
241Kb / 13P
SIP 4pin Triac output SSR
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com