Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAP-010171 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAAP-010171 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAAP-010171
Download  MAAP-010171 Download
File Size   271.63 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Amplifier, Power, 8 W

MAAP-010171 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAP-010171 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAAP-010171
Download  MAAP-010171 Click to download

File Size   271.63 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Amplifier, Power, 8 W

MAAP-010171 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - MAAP-010171

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-010171-000SMB MA-COM-MAAP-010171-000SMB Datasheet
1Mb / 8P
Amplifier, Power, 8 W
MAAP-010171-TR0500 MA-COM-MAAP-010171-TR0500 Datasheet
1Mb / 8P
Amplifier, Power, 8 W
MAAP-010171-TR1000 MA-COM-MAAP-010171-TR1000 Datasheet
1Mb / 8P
Amplifier, Power, 8 W
MAAP-010171 MA-COM-MAAP-010171_15 Datasheet
1Mb / 8P
Amplifier, Power, 8 W
More results


Similar Description - MAAP-010171

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA1394 HITACHI-HA1394 Datasheet
448Kb / 6P
DUAL 6 TO 8 W AUDIO POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027 Datasheet
1Mb / 8P
Amplifier, Power, 8 W
MAAP-015024-V3 MA-COM-MAAP-015024-V3 Datasheet
1,012Kb / 7P
Power Amplifier, 8 W
MAAP-010171 MA-COM-MAAP-010171_15 Datasheet
1Mb / 8P
Amplifier, Power, 8 W
logo
TriQuint Semiconductor
QPA1003P TRIQUINT-QPA1003P Datasheet
644Kb / 20P
1 ??8 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
QPA1013D QORVO-QPA1013D Datasheet
367Kb / 15P
6??8 GHz 10 W GaN Power Amplifier
TGA2238-CP QORVO-TGA2238-CP Datasheet
572Kb / 14P
8 ??11 GHz 50 W GaN Power Amplifier
TGA2238 QORVO-TGA2238 Datasheet
756Kb / 12P
8 ??11 GHz 60 W GaN Power Amplifier
TGA2963 QORVO-TGA2963 Datasheet
357Kb / 16P
6??8 GHz 20 W GaN Power Amplifier
TGA2595-CP QORVO-TGA2595-CP Datasheet
556Kb / 14P
27.5 ??31 GHz 8 W GaN Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com