Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB20017 Datasheet (PDF) - Ericsson

PTB20017 Datasheet PDF - Ericsson
Part # PTB20017
Download  PTB20017 Download
File Size   44.51 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 150 Watts, 860-900 MHz Cellular Radio RF Power Transistor

PTB20017 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTB20017 Datasheet PDF - Ericsson

Part # PTB20017
Download  PTB20017 Click to download

File Size   44.51 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 150 Watts, 860-900 MHz Cellular Radio RF Power Transistor

PTB20017 Datasheet (HTML) - Ericsson


PTB20017 Product details

Description
The 20017 is a class AB, NPN, common emitter RF power transistor intended for 25 Vdc operation across the 860 to 900 MHz cellular radio frequency band. Rated at 150 watts minimum output power, it may be used for both CW and PEP applications. Ion implantation, nitride surface passivation and gold metallization are used to ensure excellent device reliability. 100% lot traceability is standard.

• 150 Watts, 860–900 MHz
• Class AB Characteristics
• 50% Collector Efficiency at 150 Watts
• Gold Metallization
• Silicon Nitride Passivated




Similar Part No. - PTB20017

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20011 ERICSSON-PTB20011 Datasheet
46Kb / 3P
20 Watts P-Sync, 470-860 MHz UHF TV Linear Power Transistor
More results


Similar Description - PTB20017

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20003 ERICSSON-PTB20003 Datasheet
54Kb / 3P
4 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20004 ERICSSON-PTB20004 Datasheet
47Kb / 3P
50 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20005 ERICSSON-PTB20005 Datasheet
44Kb / 3P
15 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20006 ERICSSON-PTB20006 Datasheet
44Kb / 3P
4 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20038 ERICSSON-PTB20038 Datasheet
44Kb / 2P
25 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20053 ERICSSON-PTB20053 Datasheet
46Kb / 3P
60 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20111 ERICSSON-PTB20111 Datasheet
47Kb / 3P
85 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20134 ERICSSON-PTB20134 Datasheet
42Kb / 2P
30 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20177 ERICSSON-PTB20177 Datasheet
49Kb / 3P
150 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20195 ERICSSON-PTB20195 Datasheet
47Kb / 3P
150 Watts, 860-900 MHz Cellular Radio RF Power Transistor
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com