Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB20095 Datasheet (PDF) - Ericsson

PTB20095 Datasheet PDF - Ericsson
Part # PTB20095
Download  PTB20095 Download
File Size   44.6 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 15 Watts, 915-960 MHz Cellular Radio RF Power Transistor

PTB20095 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTB20095 Datasheet PDF - Ericsson

Part # PTB20095
Download  PTB20095 Click to download

File Size   44.6 Kbytes
Page   3 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 15 Watts, 915-960 MHz Cellular Radio RF Power Transistor

PTB20095 Datasheet (HTML) - Ericsson


PTB20095 Product details

Description
The 20095 is a class AB, NPN, common emitter RF power transistor intended for 25 Vdc operation across the 915 to 960 MHz frequency band. Rated at 15 watts minimum output power, it may be used for both CW and PEP applications. Ion implantation, nitride surface passivation and gold metallization are used to ensure excellent device reliability. 100% lot traceability is standard.

• 15 Watts, 915–960 MHz
• Class AB Characteristics
• Specified 25 Volts, 960 MHz Characteristics
    - Output Power = 15 Watts
    - Collector Efficiency = 50% Min at 15 Watts
• Gold Metallization
• Silicon Nitride Passivated




Similar Part No. - PTB20095

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20091 ERICSSON-PTB20091 Datasheet
357Kb / 2P
30 Watts, 470-860 MHz UHF TV Linear Power Transistor
PTB20097 ERICSSON-PTB20097 Datasheet
47Kb / 3P
40 Watts, 915-960 MHz Cellular Radio RF Power Transistor
More results


Similar Description - PTB20095

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20003 ERICSSON-PTB20003 Datasheet
54Kb / 3P
4 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20008 ERICSSON-PTB20008 Datasheet
44Kb / 3P
10 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20097 ERICSSON-PTB20097 Datasheet
47Kb / 3P
40 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20105 ERICSSON-PTB20105 Datasheet
45Kb / 3P
20 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20144 ERICSSON-PTB20144 Datasheet
41Kb / 3P
6 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20145 ERICSSON-PTB20145 Datasheet
41Kb / 3P
9 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20148 ERICSSON-PTB20148 Datasheet
46Kb / 3P
60 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20171 ERICSSON-PTB20171 Datasheet
43Kb / 2P
25 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20220 ERICSSON-PTB20220 Datasheet
512Kb / 3P
15 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20258 ERICSSON-PTB20258 Datasheet
209Kb / 3P
6 Watts, 915-960 MHz Cellular Radio RF Power Transistor
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com