Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP285 Datasheet (PDF) - Analog Devices

OP285 Datasheet PDF - Analog Devices
Part # OP285
Download  OP285 Download
File Size   202.47 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 9 MHz Precision Operational Amplifier

OP285 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP285 Datasheet PDF - Analog Devices

Part # OP285
Download  OP285 Click to download

File Size   202.47 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 9 MHz Precision Operational Amplifier

OP285 Datasheet (HTML) - Analog Devices


OP285 Product details

GENERAL DESCRIPTION
The OP285 is a precision high-speed amplifier featuring the Butler Amplifier front-end. This new front-end design combines the accuracy and low noise performance of bipolar transistors with the speed of JFETs. This yields an amplifier with high slew rates, low offset and good noise performance at low supply currents. Bias currents are also low compared to bipolar designs.

FEATURES
   Low offset voltage: 250 μV
   Low noise: 6 nV/√Hz
   Low distortion: 0.0006%
   High slew rate: 22 V/μs
   Wide bandwidth: 9 MHz
   Low supply current: 5 mA
   Low offset current: 2 nA
   Unity-gain stable
   8-lead SOIC_N package

APPLICATIONS
   High performance audio
   Active filters
   Fast amplifiers
   Integrators




Similar Part No. - OP285

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP285 AD-OP285 Datasheet
248Kb / 16P
Dual 9 MHz Precision Operational Amplifier
OP285 AD-OP285 Datasheet
202Kb / 16P
Dual 9 MHz Precision Operational Amplifier
REV. A
OP285 AD-OP285 Datasheet
325Kb / 15P
Dual 9 MHz Precision Operational Amplifier
Rev. C
OP285GP AD-OP285GP Datasheet
248Kb / 16P
Dual 9 MHz Precision Operational Amplifier
OP285GS AD-OP285GS Datasheet
248Kb / 16P
Dual 9 MHz Precision Operational Amplifier
More results


Similar Description - OP285

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP285 AD-OP285 Datasheet
248Kb / 16P
Dual 9 MHz Precision Operational Amplifier
logo
Linear Technology
RH1013M LINER-RH1013M Datasheet
197Kb / 8P
Dual Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512_08 Datasheet
216Kb / 16P
Precision dual operational amplifier
05-May-2008
logo
New Japan Radio
NJM2739 NJRC-NJM2739 Datasheet
1Mb / 17P
Dual Precision Operational Amplifier
logo
Analog Devices
OP285GSZ-REEL AD-OP285GSZ-REEL Datasheet
202Kb / 16P
Dual 9 MHz Precision Operational Amplifier
REV. A
OP285 AD-OP285_15 Datasheet
202Kb / 16P
Dual 9 MHz Precision Operational Amplifier
REV. A
logo
Linear Technology
RH1013M LINER-RH1013M_15 Datasheet
119Kb / 6P
Dual Precision Operational Amplifier
logo
Texas Instruments
LT1013 TI1-LT1013 Datasheet
114Kb / 6P
Dual Precision Operational Amplifier
LT1013 TI1-LT1013_16 Datasheet
1Mb / 36P
Dual Precision Operational Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com