Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF10053 Datasheet (PDF) - Ericsson

PTF10053 Datasheet PDF - Ericsson
Part # PTF10053
Download  PTF10053 Download
File Size   81.07 Kbytes
Page   6 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 12 Watts, 2.0 GHz GOLDMOS Field Effect Transistor

PTF10053 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTF10053 Datasheet PDF - Ericsson

Part # PTF10053
Download  PTF10053 Click to download

File Size   81.07 Kbytes
Page   6 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 12 Watts, 2.0 GHz GOLDMOS Field Effect Transistor

PTF10053 Datasheet (HTML) - Ericsson


PTF10053 Product details

Description
The PTF 10053 is a 12–watt GOLDMOS FET intended for large signal applications from 1.0 to 2.0 GHz. It operates at 40% efficiency with 12 dB typical gain. Nitride surface passivation and full gold metallization ensure excellent device lifetime and reliability.

• Guaranteed Performance at 1.99 GHz, 26 V
    - Output Power = 12 Watts Min
    - Power Gain = 12 dB Typ
• Full Gold Metallization
• Silicon Nitride Passivated
• Back Side Common Source
• Excellent Thermal Stability
• 100% Lot Traceability




Similar Part No. - PTF10053

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10052 ERICSSON-PTF10052 Datasheet
498Kb / 6P
35 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
More results


Similar Description - PTF10053

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10007 ERICSSON-PTF10007 Datasheet
235Kb / 6P
35 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10043 ERICSSON-PTF10043 Datasheet
235Kb / 6P
12 Watts, 1.9-2.0 GHz GOLDMOS Field Effect Transistor
PTF10107 ERICSSON-PTF10107 Datasheet
83Kb / 6P
5 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10111 ERICSSON-PTF10111 Datasheet
337Kb / 6P
6 Watts, 1.5 GHz GOLDMOS Field Effect Transistor
PTF10112 ERICSSON-PTF10112 Datasheet
324Kb / 6P
60 Watts, 1.8-2.0 GHz GOLDMOS Field Effect Transistor
PTF10119 ERICSSON-PTF10119 Datasheet
141Kb / 4P
12 Watts, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
PTF10120 ERICSSON-PTF10120 Datasheet
420Kb / 6P
120 Watts, 1.8-2.0 GHz GOLDMOS Field Effect Transistor
PTF10135 ERICSSON-PTF10135 Datasheet
245Kb / 6P
5 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10137 ERICSSON-PTF10137 Datasheet
175Kb / 6P
12 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10153 ERICSSON-PTF10153 Datasheet
108Kb / 5P
60 Watts, 1.8-2.0 GHz GOLDMOS Field Effect Transistor
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com