Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ462 Datasheet (PDF) - NEC

2SJ462 Datasheet PDF - NEC
Part # 2SJ462
Download  2SJ462 Download
File Size   63.14 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING

2SJ462 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ462 Datasheet PDF - NEC

Part # 2SJ462
Download  2SJ462 Click to download

File Size   63.14 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING

2SJ462 Datasheet (HTML) - NEC


2SJ462 Product details

DESCRIPTION
The 2SJ462 is a switching device which can be driven directly by an IC operating at 3 V.
The 2SJ462 features a low on-state resistance and can be driven by a low voltage power source, so it is suitable for applications such as power management.

FEATURES
• Can be driven by a 2.5 V power source.
• New-type compact package.
   Has advantages of packages for small signals and for power
   transistors, and compensates those disadvantages.
• Low on-state resistance.
   RDS(ON) : 0.29 Ω MAX. @VGS = –2.5 V, ID = –0.5 A
   RDS(ON) : 0.19 Ω MAX. @VGS = –4.0 V, ID = –1.0 A




Similar Part No. - 2SJ462

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ462 RENESAS-2SJ462 Datasheet
266Kb / 8P
MOS FIELD EFFECT TRANSISTOR
1996
More results


Similar Description - 2SJ462

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ460 NEC-2SJ460 Datasheet
294Kb / 6P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SJ461 NEC-2SJ461 Datasheet
278Kb / 6P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SJ463A NEC-2SJ463A Datasheet
63Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ559 NEC-2SJ559 Datasheet
50Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA610TA NEC-UPA610TA Datasheet
64Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
logo
Renesas Technology Corp
2SJ624-T1B-A RENESAS-2SJ624-T1B-A Datasheet
211Kb / 10P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ460 RENESAS-2SJ460 Datasheet
450Kb / 9P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
1995
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com