Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF102027 Datasheet (PDF) - Ericsson

PTF102027 Datasheet PDF - Ericsson
Part # PTF102027
Download  PTF102027 Download
File Size   207.16 Kbytes
Page   6 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 40 Watts, 925-960 MHz GOLDMOS Field Effect Transistor

PTF102027 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTF102027 Datasheet PDF - Ericsson

Part # PTF102027
Download  PTF102027 Click to download

File Size   207.16 Kbytes
Page   6 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 40 Watts, 925-960 MHz GOLDMOS Field Effect Transistor

PTF102027 Datasheet (HTML) - Ericsson


PTF102027 Product details

Description
The PTF 102027 is a 40–watt GOLDMOS FET intended for EDGE applications from 925 to 960 MHz. This device operates at 53% efficiency with 15 dB of gain typical. Full gold metallization ensures excellent device lifetime and reliability.

• Performance at 960 MHz, 26 Volts
    - Output Power = 40 Watts
    - Power Gain = 15.0 dB Typical
    - Efficiency = 53% Typical
• Full Gold Metallization
• Excellent Thermal Stability
• 100% Lot Traceability




Similar Part No. - PTF102027

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF102028 ERICSSON-PTF102028 Datasheet
219Kb / 7P
18 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
More results


Similar Description - PTF102027

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10015 ERICSSON-PTF10015 Datasheet
221Kb / 6P
50 Watts, 300-960 MHz GOLDMOS Field Effect Transistor
PTF10019 ERICSSON-PTF10019 Datasheet
322Kb / 6P
70 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
PTF10020 ERICSSON-PTF10020 Datasheet
313Kb / 6P
125 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
PTF10036 ERICSSON-PTF10036 Datasheet
220Kb / 6P
85 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
PTF10138 ERICSSON-PTF10138 Datasheet
106Kb / 6P
60 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
PTF10139 ERICSSON-PTF10139 Datasheet
115Kb / 6P
60 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
PTF10160 ERICSSON-PTF10160 Datasheet
253Kb / 7P
85 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
PTF10162 ERICSSON-PTF10162 Datasheet
341Kb / 8P
18 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
PTF10193 ERICSSON-PTF10193 Datasheet
331Kb / 6P
12 Watts, 860-960 MHz GOLDMOS??Field Effect Transistor
PTF102028 ERICSSON-PTF102028 Datasheet
219Kb / 7P
18 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com