Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7301 Datasheet (PDF) - Etron Technology, Inc.

EL7301 Datasheet PDF - Etron Technology, Inc.
Part # EL7301
Download  EL7301 Download
File Size   906.84 Kbytes
Page   5 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description single chip solution included a triple-channel ADC, two PLL circuits, one internal On Screen Display (OSD), sophisticated filter and the most advanced

EL7301 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7301 Datasheet PDF - Etron Technology, Inc.

Part # EL7301
Download  EL7301 Click to download

File Size   906.84 Kbytes
Page   5 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description single chip solution included a triple-channel ADC, two PLL circuits, one internal On Screen Display (OSD), sophisticated filter and the most advanced

EL7301 Datasheet (HTML) - Etron Technology, Inc.


EL7301 Product details

Introduction
Etrons EL7301 is the key graphics processing IC that enable liquid Crystal Display (LCD) monitor at SVGA, XGA and SXGA TFT-LCD resolution. This single chip solution included a triple-channel ADC, two PLL circuits, one internal On Screen Display (OSD), sophisticated filter and the most advanced scaling engine. The digital or video input can also be supported via analog/digital input ports that implemented in EL7301.

Features & Applications
Analog RGB input:
■ Integrated three channel 8-bit resolution ADCs and pre-amplifiers for analog-RGB up to SXGA 1280 *1024 @ 75Hz
■ On-chip high performance PLLs
■ Sync on Green (SoG)

Digital RGB inputs
■ Additional data port support digital or video data input
■ DVI digital input single 24-bit RGB pixel up to 135 MHz
■ Video display through digital input port
■ De-interlace function for video signal
■ 5V-tolerance input pads

Auto detection / Auto adjustment
■ Support for H/V sync interrupt and timing measurement function for mode detection
■ Auto-adjustment functions for frequencies, phases, positions and white-balance

Engine
■ Advanced scaling algorithm for excellent image quality
■ Programmable independent horizontal/vertical expansion zooming engine for scaling up and scaling down
■ Support for Fidelity mode without frame buffers required.
■ Specialized adaptive filters for crisp images
■ On-chip digital brightness, contrast and per color 10-bit gamma table adjustment
■ Two-dimension dithering function
■ Support for dithering function for 6-bit panels
■ Provide 16 build-in test pattern for system burn-in testing purpose

OSD engine
■ On-chip OSD engine with a 128K-bit fully programmable bit-map memory, resolution up to 32K pixels/16-color format
■ Support for optional external OSD

Micro-controller interface
■ Support for 8-bit parallel (8051 compatible)/serial host interface
■ PWM outputs for simplified inverter brightness control

Programmable RGB output
■ Resolution up to 1280x1024 (SXGA).
■ Available for SVGA , XGA & SXGA TFT-LCD panels
■ Single/dual-pixel digital RGB output
■ Staggered data output
■ Pixel clocks inverse and delay adjustment
■ Driving current programmable to simplify EMI design
■ Spread spectrum to disturb clock period for panels EMI solution
■ Both support 8/6-bit resolution panels
■ Support for single/dual-pixel/clock panel interfaces

Technology / Package
■ 0.25 ugm CMOS technology
■ 160-pin PQFP packaging

Applications
■ Digital/ Analog LCD Monitors
■ Digital/ Analog LCD Projectors
■ LCD TVs
■ Flat Panel Display




Similar Part No. - EL7301

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EL7300 ETRON-EL7300 Datasheet
889Kb / 5P
highly integrated single chip solution for the Flat Panel Display applications
EL7300Q-110 ETRON-EL7300Q-110 Datasheet
889Kb / 5P
highly integrated single chip solution for the Flat Panel Display applications
EL7300Q-140 ETRON-EL7300Q-140 Datasheet
889Kb / 5P
highly integrated single chip solution for the Flat Panel Display applications
EL7300Q-160 ETRON-EL7300Q-160 Datasheet
889Kb / 5P
highly integrated single chip solution for the Flat Panel Display applications
More results


Similar Description - EL7301

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
85 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
140 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
NXP Semiconductors
SAA5288 PHILIPS-SAA5288 Datasheet
508Kb / 48P
TV microcontroller with full screen On Screen Display OSD
1997 Jun 24
SAA5520 PHILIPS-SAA5520 Datasheet
340Kb / 80P
Standard TV Microcontrollers with On-Screen Display(OSD)
1999 Oct 27
SAA567X PHILIPS-SAA567X Datasheet
532Kb / 116P
Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
SAA55XX PHILIPS-SAA55XX Datasheet
348Kb / 84P
TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
logo
Texas Instruments
TLS1255 TI1-TLS1255 Datasheet
139Kb / 7P
VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
logo
Infineon Technologies A...
IRS1010C INFINEON-IRS1010C Datasheet
379Kb / 2P
Most integrated and sophisticated Time-of-Flight (ToF) imager available on the market.
logo
Motorola, Inc
MC141543 MOTOROLA-MC141543 Datasheet
472Kb / 14P
Advanced Monitor On-Screen Display
logo
NXP Semiconductors
SAA56XX PHILIPS-SAA56XX Datasheet
450Kb / 112P
Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com