Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG3549 Datasheet (PDF) - Microsemi Corporation

SG3549 Datasheet PDF - Microsemi Corporation
Part # SG3549
Download  SG3549 Download
File Size   183.59 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description CURRENT SENSE LATCH

SG3549 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG3549 Datasheet PDF - Microsemi Corporation

Part # SG3549
Download  SG3549 Click to download

File Size   183.59 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description CURRENT SENSE LATCH

SG3549 Datasheet (HTML) - Microsemi Corporation


SG3549 Product details

DESCRIPTION
This monolithic integrated circuit is an analog latch device with digital reset. It was specifically designed to provide pulse-by-pulse current limiting for switch-mode power supply systems, but many other application are also feasible. Its function is to provide a latching switch action upon sensing an input threshold voltage, with reset accomplished by an external clock signal. This device can be interfaced directly with many kinds of pulse width modulating control ICs, including the SG1524, SG1525A and SG1527A.

FEATURES
• Current sensing with 100mV threshold
• Common-mode input at ground or to 40V
• Complementary outputs
• Automatic reset from PWM clock
• 180ns delay
• Interface direct to SG1524, SG1525A, SG1527A

HIGH RELIABILITY FEATURES - SG1549
♦ Available to MIL-STD-883
♦ LMI level "S" processing available
♦ Radiation data available




Similar Part No. - SG3549

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG3549 MICROSEMI-SG3549 Datasheet
74Kb / 4P
CURRENT SENSE LATCH
SG3549 MICROSEMI-SG3549 Datasheet
183Kb / 4P
CURRENT SENSE LATCH
SG3549M MICROSEMI-SG3549M Datasheet
74Kb / 4P
CURRENT SENSE LATCH
SG3549M MICROSEMI-SG3549M Datasheet
183Kb / 4P
CURRENT SENSE LATCH
SG3549Y MICROSEMI-SG3549Y Datasheet
74Kb / 4P
CURRENT SENSE LATCH
More results


Similar Description - SG3549

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1549 MICROSEMI-SG1549 Datasheet
74Kb / 4P
CURRENT SENSE LATCH
logo
XFMRS Inc.
XF3206-EE5CS XFMRS-XF3206-EE5CS Datasheet
37Kb / 1P
Current Sense
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
CURRENT SENSE - Molded Current Sense Resistors
logo
Microsemi Corporation
SG1549 MICROSEMI-SG1549_1 Datasheet
183Kb / 4P
CURRENT SENSE LATCH
logo
XFMRS Inc.
XF0033-EE5CS XFMRS-XF0033-EE5CS Datasheet
43Kb / 1P
Current Sense
XF1806-EE5CS XFMRS-XF1806-EE5CS Datasheet
37Kb / 1P
Current Sense
XF0033-EE5CS XFMRS-XF0033-EE5CS_15 Datasheet
43Kb / 1P
CURRENT SENSE
XF3206-EE5CS XFMRS-XF3206-EE5CS_15 Datasheet
37Kb / 1P
CURRENT SENSE
XF7206-EE5CS XFMRS-XF7206-EE5CS_15 Datasheet
40Kb / 1P
CURRENT SENSE
XF9806-EE5CS XFMRS-XF9806-EE5CS_15 Datasheet
40Kb / 1P
CURRENT SENSE
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com