Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM564166 Datasheet (PDF) - Etron Technology, Inc.

EM564166 Datasheet PDF - Etron Technology, Inc.
Part # EM564166
Download  EM564166 Download
File Size   158.49 Kbytes
Page   11 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 256K x 16 Low Power SRAM

EM564166 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM564166 Datasheet PDF - Etron Technology, Inc.

Part # EM564166
Download  EM564166 Click to download

File Size   158.49 Kbytes
Page   11 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 256K x 16 Low Power SRAM

EM564166 Datasheet (HTML) - Etron Technology, Inc.


EM564166 Product details

Overview
The EM564166 is a 4,194,304-bit SRAM organized as 262,144 words by 16 bits. It is designed with advanced CMOS technology. This Device operates from a single 2.3V to 3.6V power supply. Advanced circuit technology provides both high speed and low power. It is automatically placed in low-power mode when chip enable (CE#) is asserted high. There are two control inputs. CE# are used to select the device and for data retention control, and output enable (OE#) provides fast memory access. Data byte control pin (LB#,UB#) provides lower and upper byte access. This device is well suited to various microprocessor system applications where high speed, low power and battery backup are required. And, with a guaranteed operating range from - 40°C to 85°C, the EM564166 can be used in environments exhibiting extreme temperature conditions.

Features
 • Single power supply voltage of 2.3V to 3.6V
 • Power down features using CE#
 • Low power dissipation
 • Data retention supply voltage: 1.0V to 3.6V
 • Direct TTL compatibility for all input and output
 • Wide operating temperature range: -40°C to 85°C
 • Standby current @ VDD = 3.6 V




Similar Part No. - EM564166

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM564161 ETRON-EM564161 Datasheet
370Kb / 13P
256K x 16 Low Power SRAM
EM564161 ETRON-EM564161 Datasheet
254Kb / 14P
256K x 16 Low Power SRAM
EM564161BA-70 ETRON-EM564161BA-70 Datasheet
370Kb / 13P
256K x 16 Low Power SRAM
EM564161BA-70 ETRON-EM564161BA-70 Datasheet
254Kb / 14P
256K x 16 Low Power SRAM
EM564161BA-70E ETRON-EM564161BA-70E Datasheet
370Kb / 13P
256K x 16 Low Power SRAM
More results


Similar Description - EM564166

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM564161 ETRON-EM564161 Datasheet
370Kb / 13P
256K x 16 Low Power SRAM
EM564161 ETRON-EM564161_04 Datasheet
254Kb / 14P
256K x 16 Low Power SRAM
EM584161 ETRON-EM584161 Datasheet
249Kb / 13P
256K x 16 Low Power SRAM
logo
Lyontek Inc.
LY62L25616 LYONTEK-LY62L25616 Datasheet
179Kb / 13P
256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716_1008 LYONTEK-LY62L25716_1008 Datasheet
305Kb / 16P
256K X 16 BIT LOW POWER CMOS SRAM
LY62W25616 LYONTEK-LY62W25616_12 Datasheet
450Kb / 13P
256K X 16 BIT LOW POWER CMOS SRAM
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616_17 Datasheet
863Kb / 15P
256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716_16 Datasheet
786Kb / 18P
256K X 16 BIT LOW POWER CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com