Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM565161 Datasheet (PDF) - Etron Technology, Inc.

EM565161 Datasheet PDF - Etron Technology, Inc.
Part # EM565161
Download  EM565161 Download
File Size   790.21 Kbytes
Page   13 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 512K x 16 Low Power SRAM

EM565161 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM565161 Datasheet PDF - Etron Technology, Inc.

Part # EM565161
Download  EM565161 Click to download

File Size   790.21 Kbytes
Page   13 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 512K x 16 Low Power SRAM

EM565161 Datasheet (HTML) - Etron Technology, Inc.


EM565161 Product details

Overview
The EM565161 is an 8M-bit SRAM organized as 512K words by 16 bits. It is designed with advanced CMOS technology. This Device operates from a single power supply. Advanced circuit technology provides both high speed and low power. It is automatically placed in low-power mode when CE1# or both UB# and LB# are asserted high or CE2 is asserted low. There are three control inputs. CE1# and CE2 are used to select the device and for data retention control, and output enable (OE#) provides fast memory access. Data byte control pin (LB#,UB#) provides lower and upper byte access. This device is well suited to various microprocessor system applications where high speed, low power and battery backup are required. And, with a guaranteed operating range from –40°C to 85°C, the EM565161 can be used in environments exhibiting extreme temperature conditions.

Features
• Single Power Supply Voltage, 2.3 ~ 3.6 V
• Power Down Features Using CE1#, CE2, LB# and UB#
• Low Power Dissipation
• Data retention Supply Voltage: 1.0V to 3.6V
• Direct TTL Compatibility for All Input and Output
• Wide Operating Temperature Range: -40°C to 85°C
• Standby current (maximum) @ VDD = 3.6 V




Similar Part No. - EM565161

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM565168 ETRON-EM565168 Datasheet
122Kb / 12P
512K x 16 Pseudo SRAM
EM565168BC-55/55G ETRON-EM565168BC-55/55G Datasheet
122Kb / 12P
512K x 16 Pseudo SRAM
EM565168BC-70/70G ETRON-EM565168BC-70/70G Datasheet
122Kb / 12P
512K x 16 Pseudo SRAM
More results


Similar Description - EM565161

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L51216 LYONTEK-LY62L51216 Datasheet
195Kb / 13P
512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_11 Datasheet
467Kb / 13P
512K X 16 BIT LOW POWER CMOS SRAM
LY62W51216 LYONTEK-LY62W51216_11 Datasheet
465Kb / 13P
512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316 LYONTEK-LY62W51316_13 Datasheet
376Kb / 13P
512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_16 Datasheet
798Kb / 15P
512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_16 Datasheet
360Kb / 14P
512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_16 Datasheet
350Kb / 15P
512K X 16 BIT LOW POWER CMOS SRAM
LY6251216A LYONTEK-LY6251216A_16 Datasheet
288Kb / 12P
512K X 16 BIT LOW POWER CMOS SRAM
LY6251316 LYONTEK-LY6251316_16 Datasheet
333Kb / 14P
512K X 16 BIT LOW POWER CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com