Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM637327 Datasheet (PDF) - Etron Technology, Inc.

EM637327 Datasheet PDF - Etron Technology, Inc.
Part # EM637327
Download  EM637327 Download
File Size   1163.81 Kbytes
Page   78 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 1Mega x 32 SGRAM

EM637327 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM637327 Datasheet PDF - Etron Technology, Inc.

Part # EM637327
Download  EM637327 Click to download

File Size   1163.81 Kbytes
Page   78 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 1Mega x 32 SGRAM

EM637327 Datasheet (HTML) - Etron Technology, Inc.


EM637327 Product details

Overview
The EM637327 SGRAM is a high-speed CMOS synchronous graphics DRAM containing 32 Mbits.
   
Features
• Fast access time from clock: 4.5/5.5/5.5/6 ns
• Fast clock rate: 200/166/143/125 MHz
• Fully synchronous operation
• Internal pipelined architecture
• Dual internal banks (512K x 32bit x 2bank)
• Programmable Mode
    - CAS# Latency: 1, 2, or 3
    - Burst Length: 1, 2, 4, 8, or full page
    - Burst Type: interleaved or linear burst
    - Burst-Read-Single-Write
    - Load Color or Mask register
• Burst stop function
• Individual byte controlled by DQM0-3
• Block write and write-per-bit capability
• Auto Refresh and Self Refresh
• 2048 refresh cycles/32ms
• Single +3.3V ± 0.3V power supply
• Interface: LVTTL
• JEDEC 100-pin Plastic package
    - QFP (body thickness=2.8mm)
    - TQFP1.4 (body thickness=1.4mm)
   




Similar Part No. - EM637327

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EM631 ARTESYN-EM631 Datasheet
39Kb / 2P
Single and dual output 1 to 1.5 Watt Nominal input DC/DC converters
logo
Emerging Memory & Logic...
EM6320FP16AS-10L EMLSI-EM6320FP16AS-10L Datasheet
188Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-10LF EMLSI-EM6320FP16AS-10LF Datasheet
188Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70L EMLSI-EM6320FP16AS-70L Datasheet
188Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70LF EMLSI-EM6320FP16AS-70LF Datasheet
188Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Similar Description - EM637327

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V24632A OKI-MSM54V24632A Datasheet
401Kb / 29P
131,072-Word x 32-Bit x 2-Bank SGRAM without Graphics Functions
logo
Etron Technology, Inc.
EM636327 ETRON-EM636327 Datasheet
1Mb / 78P
512K x 32 High Speed Synchronous Graphics DRAM(SGRAM)
logo
Samsung semiconductor
K4G323222A SAMSUNG-K4G323222A Datasheet
1Mb / 49P
32Mbit SGRAM
logo
OKI electronic componet...
MS82V16520A OKI-MS82V16520A Datasheet
1Mb / 40P
262,144-Word 횞 32-Bit 횞 2-Bank SGRAM
MS82V32520 OKI-MS82V32520 Datasheet
1Mb / 42P
524,288-Word 횞 32-Bit 횞 2-Bank FIFO-SGRAM
MS82V48540 OKI-MS82V48540 Datasheet
1Mb / 44P
393,216-Word 횞 32-Bit 횞 4-Bank FIFO-SGRAM
logo
Etron Technology, Inc.
EM636165 ETRON-EM636165 Datasheet
771Kb / 74P
1Mega x 16 Synchronous DRAM (SDRAM)
logo
List of Unclassifed Man...
UG4256G6412FQG0 ETC2-UG4256G6412FQG0 Datasheet
111Kb / 3P
2M Bytes (256K x 64) SGRAM 144Pin SODIMM based on 256K x 32
logo
Etron Technology, Inc.
EM636165 ETRON-EM636165_06 Datasheet
791Kb / 75P
1Mega x 16 Synchronous DRAM (SDRAM)
EM636165-XXI ETRON-EM636165-XXI Datasheet
757Kb / 73P
1Mega x 16 Synchronous DRAM (SDRAM)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com