Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM638165 Datasheet (PDF) - Etron Technology, Inc.

EM638165 Datasheet PDF - Etron Technology, Inc.
Part # EM638165
Download  EM638165 Download
File Size   1060.22 Kbytes
Page   71 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 4Mega x 16 Synchronous DRAM (SDRAM)

EM638165 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM638165 Datasheet PDF - Etron Technology, Inc.

Part # EM638165
Download  EM638165 Click to download

File Size   1060.22 Kbytes
Page   71 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 4Mega x 16 Synchronous DRAM (SDRAM)

EM638165 Datasheet (HTML) - Etron Technology, Inc.


EM638165 Product details

Overview

The EM638165 SDRAM is a high-speed CMOS synchronous DRAM containing 64 Mbits. It is internally configured as 4 Banks of 1M word x 16 DRAM with a synchronous interface (all signals are registered on the positive edge of the clock signal, CLK). Read and write accesses to the SDRAM are burst oriented; accesses start at a selected location and continue for a programmed number of locations in a programmed sequence. Accesses begin with the registration of a Bank Activate command which is then followed by a Read or Write command.



Features

•   Fast access time from clock: 5/6/6/6/7 ns

•   Fast clock rate: 166/143/133/125/100 MHz

•   Fully synchronous operation

•   Internal pipelined architecture

•   1M word x 16-bit x 4-bank

•   Programmable Mode registers

    -CAS# Latency: 2, or 3

    -Burst Length: 1, 2, 4, 8, or full page

    -Burst Type: interleaved or linear burst

    -Burst stop function

•   Auto Refresh and Self Refresh

•   4096 refresh cycles/64ms

•   CKE power down mode

•   Single +3.3V ± 0.3V power supply

•   Interface: LVTTL

•   54-pin 400 mil plastic TSOP II package



 




Similar Part No. - EM638165

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM638165BM-5H ETRON-EM638165BM-5H Datasheet
519Kb / 53P
4M x 16 bit Synchronous DRAM (SDRAM)
EM638165BM-5IH ETRON-EM638165BM-5IH Datasheet
517Kb / 53P
4M x 16 bit Synchronous DRAM (SDRAM)
EM638165BM-6H ETRON-EM638165BM-6H Datasheet
519Kb / 53P
4M x 16 bit Synchronous DRAM (SDRAM)
EM638165BM-6IH ETRON-EM638165BM-6IH Datasheet
517Kb / 53P
4M x 16 bit Synchronous DRAM (SDRAM)
EM638165BM-7H ETRON-EM638165BM-7H Datasheet
519Kb / 53P
4M x 16 bit Synchronous DRAM (SDRAM)
More results


Similar Description - EM638165

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
4M x 16 DDR Synchronous DRAM (SDRAM)
EM636165 ETRON-EM636165 Datasheet
771Kb / 74P
1Mega x 16 Synchronous DRAM (SDRAM)
EM6A9160 ETRON-EM6A9160 Datasheet
275Kb / 29P
8M x 16 DDR Synchronous DRAM (SDRAM)
EM636165 ETRON-EM636165_06 Datasheet
791Kb / 75P
1Mega x 16 Synchronous DRAM (SDRAM)
EM636165-XXI ETRON-EM636165-XXI Datasheet
757Kb / 73P
1Mega x 16 Synchronous DRAM (SDRAM)
EM63A165 ETRON-EM63A165 Datasheet
1Mb / 73P
16Mega x 16 Synchronous DRAM (SDRAM)
EM639165 ETRON-EM639165_07 Datasheet
1Mb / 73P
8Mega x 16 Synchronous DRAM (SDRAM)
EM6A9160TSA-5G ETRON-EM6A9160TSA-5G Datasheet
480Kb / 63P
8M x 16 DDR Synchronous DRAM (SDRAM)
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
32M x 16 bit Synchronous DRAM (SDRAM)
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
4M x 16 bit Synchronous DRAM (SDRAM)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com