Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMA184 Datasheet (PDF) - Filtronic Compound Semiconductors

LMA184 Datasheet PDF - Filtronic Compound Semiconductors
Part # LMA184
Download  LMA184 Download
File Size   67.57 Kbytes
Page   3 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description 2-18 GHz MESFET Amplifier

LMA184 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMA184 Datasheet PDF - Filtronic Compound Semiconductors

Part # LMA184
Download  LMA184 Click to download

File Size   67.57 Kbytes
Page   3 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description 2-18 GHz MESFET Amplifier

LMA184 Datasheet (HTML) - Filtronic Compound Semiconductors


LMA184 Product details

Description
The Filtronic LMA184 is a GaAs monolithic distributive amplifier which operates from 2 to 18GHz. This LMA184 amplifier produces a typical gain of 7.5dB and a noise figure of less than 5.5dB. The LMA184 is suitable for gain block, low noise and driver amplifier applications. DC decoupled output RF port. Ground is provided to the circuitry through vias to the backside metallization.

Features
• 5.5dB Typical Noise Figure
• 7.5dB Typical Gain
• 15dBm Saturated Output Power
• 12dB Input/Output Return Loss Typical
• 2-18GHz Frequency Bandwidth
• +4 Volts Dual Bias Supply
• DC Decoupled RF Output
• Chip Size : 1.62mmX2.38mm (.064”X.094”)
• Chip Thickness : 100µm
• Pad Dimension : 100µm2




Similar Part No. - LMA184

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA183 FILTRONIC-LMA183 Datasheet
64Kb / 3P
2-18 GHz MESFET Amplifier
More results


Similar Description - LMA184

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA110A FILTRONIC-LMA110A Datasheet
80Kb / 3P
.5-6 GHz MESFET Amplifier
LMA116 FILTRONIC-LMA116 Datasheet
160Kb / 4P
2-10GHz MESFET Amplifier
LMA183 FILTRONIC-LMA183 Datasheet
64Kb / 3P
2-18 GHz MESFET Amplifier
logo
Teledyne Technologies I...
CLA-18-2002 TELEDYNE-CLA-18-2002 Datasheet
895Kb / 2P
Amplifier 2 GHz - 18 GHz
CLA-18-2003 TELEDYNE-CLA-18-2003 Datasheet
894Kb / 2P
Amplifier 2 GHz - 18 GHz
TGM-18-2001 TELEDYNE-TGM-18-2001 Datasheet
907Kb / 2P
Module Amplifier 2 GHz - 18 GHz
TGM-18-2004 TELEDYNE-TGM-18-2004 Datasheet
895Kb / 2P
Module Amplifier 2 GHz - 18 GHz
TGM-18-2005 TELEDYNE-TGM-18-2005 Datasheet
895Kb / 2P
Module Amplifier 2 GHz - 18 GHz
TMA-18-2002 TELEDYNE-TMA-18-2002 Datasheet
891Kb / 2P
Amplifier 2 GHz - 18 GHz
TMA-18-2004 TELEDYNE-TMA-18-2004 Datasheet
889Kb / 2P
Amplifier 2 GHz - 18 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com