Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMA208C Datasheet (PDF) - Filtronic Compound Semiconductors

LMA208C Datasheet PDF - Filtronic Compound Semiconductors
Part # LMA208C
Download  LMA208C Download
File Size   96.4 Kbytes
Page   3 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description 2-26 GHz PHEMT Amplifier

LMA208C Datasheet (PDF)

Go To PDF Page Download Datasheet
LMA208C Datasheet PDF - Filtronic Compound Semiconductors

Part # LMA208C
Download  LMA208C Click to download

File Size   96.4 Kbytes
Page   3 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description 2-26 GHz PHEMT Amplifier

LMA208C Datasheet (HTML) - Filtronic Compound Semiconductors


LMA208C Product details

Description
The Filtronic LMA208C is a medium power PHEMT amplifier that operates from 2 to 26GHz. This 5-stage travelling wave amplifier provides 10dB nominal gain and 1-dB gain compression power output of greater than 19dBm. The LMA208C is designed for use as wideband driver amplifer in ECM (Electronic Counter-Measure) and commercial communication system applications. Ground is provided to the circuitry through vias to the backside metallization.

Features
• 9dB Typical Gain
• 18dBm 1-dB Gain Compression Power
• 15dB Input/Output Return Loss Typical
• 2-26GHz Frequency Bandwidth
• DC Decoupled RF Input and Output
• Chip Size : 1.986mmX1.082mm (.078”X.043”)
• Chip Thickness : 100µm
• Pad Dimension : 100µm2




Similar Part No. - LMA208C

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA208G FILTRONIC-LMA208G Datasheet
158Kb / 4P
2-26GHz PHEMT Amplifier
More results


Similar Description - LMA208C

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CMA-26-1804 TELEDYNE-CMA-26-1804 Datasheet
892Kb / 2P
Amplifier 18 GHz - 26 GHz
CMA-26-1808 TELEDYNE-CMA-26-1808 Datasheet
889Kb / 2P
Amplifier 18 GHz - 26 GHz
logo
Hittite Microwave Corpo...
HMC517 HITTITE-HMC517 Datasheet
317Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC517LC4 HITTITE-HMC517LC4 Datasheet
314Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
logo
SIRENZA MICRODEVICES
SUF-6000 SIRENZA-SUF-6000 Datasheet
132Kb / 4P
2-16 GHz Broadband pHEMT Amplifier
logo
Hittite Microwave Corpo...
HMC464 HITTITE-HMC464_09 Datasheet
256Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
HMC464LP5 HITTITE-HMC464LP5_09 Datasheet
242Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
HMC517LC4 HITTITE-HMC517LC4_09 Datasheet
228Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC517 HITTITE-HMC517_09 Datasheet
246Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 17 - 26 GHz
logo
Custom MMIC Design Serv...
CMD290 MMIC-CMD290 Datasheet
342Kb / 14P
2-26 GHz GaN Low Noise Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com