Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMA443 Datasheet (PDF) - Filtronic Compound Semiconductors

LMA443 Datasheet PDF - Filtronic Compound Semiconductors
Part # LMA443
Download  LMA443 Download
File Size   106.58 Kbytes
Page   2 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description 31 GHz Medium Power Amplifier

LMA443 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMA443 Datasheet PDF - Filtronic Compound Semiconductors

Part # LMA443
Download  LMA443 Click to download

File Size   106.58 Kbytes
Page   2 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description 31 GHz Medium Power Amplifier

LMA443 Datasheet (HTML) - Filtronic Compound Semiconductors


LMA443 Product details

Description
The LMA443 is a medium power PHEMT amplifier that operates from 28.5 to 31.5GHz. This 3-stage amplifier provides 18dB linear power gain with 1dB gain compression power output of greater than +21dBm. The LMA443 is designed for LMDS CPE (consumer premises equipment) applications. Ground is provided to the circuitry through vias to the backside metallization.

Typical Specifications
• +21dBm Output Power @ 1dB Gain Compression
• 18dB Typical Gain
• 10dB Input/Output Return Loss
• +5Volts Dual Bias Supply
• DC Decoupled RF Input and Output
• Chip Size : 0.85mmX1.95mm (.034”X.077”)
• Chip Thickness : 100µm (.004”)
• Pad Dimension : 100X100µm2




Similar Part No. - LMA443

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA441 FILTRONIC-LMA441 Datasheet
223Kb / 4P
MEDIUM POWER PHEMT MMIC
LMA442 FILTRONIC-LMA442 Datasheet
224Kb / 4P
MEDIUM POWER PHEMT MMIC
LMA444 FILTRONIC-LMA444 Datasheet
122Kb / 2P
38GHz Medium Power Amplifier
More results


Similar Description - LMA443

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028P2-99 ALPHA-AA028P2-99 Datasheet
490Kb / 4P
25-31 GHz Amplifier
logo
TriQuint Semiconductor
TGA4513 TRIQUINT-TGA4513 Datasheet
222Kb / 10P
27 - 31 GHz 2W Balanced Power Amplifier
TGA4509-EPU TRIQUINT-TGA4509-EPU Datasheet
153Kb / 8P
27 - 31 GHz 1W Power Amplifier
TGA4513-CP TRIQUINT-TGA4513-CP Datasheet
162Kb / 10P
27 - 31 GHz 2W Balanced Power Amplifier
logo
Hittite Microwave Corpo...
HMC-C021 HITTITE-HMC-C021 Datasheet
279Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 21 - 31 GHz
logo
TriQuint Semiconductor
TGA2594-HM TRIQUINT-TGA2594-HM_15 Datasheet
967Kb / 13P
27 to 31 GHz GaN Power Amplifier
TGA4509 TRIQUINT-TGA4509_15 Datasheet
284Kb / 8P
27 to 31 GHz 1W Power Amplifier
TGA4706-FC TRIQUINT-TGA4706-FC_15 Datasheet
372Kb / 10P
77 GHz Medium Power Amplifier
TGA4544-SM TRIQUINT-TGA4544-SM Datasheet
1Mb / 14P
26 ??31 GHz 1W Power Amplifier
logo
Qorvo, Inc
TGA2594-HM QORVO-TGA2594-HM Datasheet
786Kb / 15P
27 ??31 GHz GaN Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com