Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LML221 Datasheet (PDF) - Filtronic Compound Semiconductors

LML221 Datasheet PDF - Filtronic Compound Semiconductors
Part # LML221
Download  LML221 Download
File Size   13.47 Kbytes
Page   1 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description 2-20 GHz MMIC Limiter

LML221 Datasheet (PDF)

Go To PDF Page Download Datasheet
LML221 Datasheet PDF - Filtronic Compound Semiconductors

Part # LML221
Download  LML221 Click to download

File Size   13.47 Kbytes
Page   1 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description 2-20 GHz MMIC Limiter

LML221 Datasheet (HTML) - Filtronic Compound Semiconductors


LML221 Product details

Description
The Filtronic LML 221 Limiter is a MIN (Mott) diode limiter featuring low insertion loss, excellent pulse recovery time, and low spike leakage energy. The diode structure features a very stable Pt / Ti / Au Schottky contact, with low resistance ohmic AuGe / Ni / Au ohmic contacts. The MIN structure allows for a large diode area for improved maximum burn-out power levels while retaining wide-bandwidth performance. The MIN diodes do not generate minority carriers, thereby offering superior pulse recovery and spike leakage performance as compared to standard PIN limiters.

Features
• 0.5 dB Insertion Loss
• +15 dBm Leakage Power
• 4-6 Watts Burn-Out Power Typical
• -15 dB Input/Output Return Loss Typical
• 2-20GHz Frequency Bandwidth
• 40 nS Pulse Recovery Time
• DC Decoupled RF Input and Output
• Chip Size : 1.62 mm x 0.74 mm (0.064” x 0.029”)
• Chip Thickness : 100µm
• Pad Dimension : 100µm2




Similar Part No. - LML221

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
LML2244 VBSEMI-LML2244 Datasheet
464Kb / 9P
P-Channel 20-V (D-S) MOSFET
LML2246 VBSEMI-LML2246 Datasheet
464Kb / 9P
P-Channel 20-V (D-S) MOSFET
LML2246G VBSEMI-LML2246G Datasheet
464Kb / 9P
P-Channel 20-V (D-S) MOSFET
More results


Similar Description - LML221

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
Transcom, Inc.
TC1901 TRANSCOM-TC1901 Datasheet
110Kb / 3P
2 - 20 GHz 20 dBm MMIC
logo
Hittite Microwave Corpo...
HMC464 HITTITE-HMC464_09 Datasheet
256Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
HMC464LP5 HITTITE-HMC464LP5_09 Datasheet
242Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
logo
Peregrine Semiconductor
PE45140 PSEMI-PE45140 Datasheet
816Kb / 12P
UltraCMOS짰 Power Limiter 20 MHz?? GHz
logo
TriQuint Semiconductor
TGL2208-SM TRIQUINT-TGL2208-SM_15 Datasheet
537Kb / 9P
2-20 GHz Dual Stage VPIN Limiter
QPM1000 TRIQUINT-QPM1000 Datasheet
1Mb / 11P
2 -20 GHz Limiter/Low-Noise Amplifier
TGM2543-SM TRIQUINT-TGM2543-SM Datasheet
890Kb / 11P
4-20 GHz Limiter/LNA
logo
Marki Microwave
MBAL-0220SM MARKIMICROWAVE-MBAL-0220SM Datasheet
482Kb / 7P
Passive MMIC 2-20 GHz Surface Mount Balun
logo
Qorvo, Inc
TGL2208-SM QORVO-TGL2208-SM Datasheet
558Kb / 10P
2 - 20 GHz Dual Stage VPIN Limiter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com