Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6836P100-2 Datasheet (PDF) - Filtronic Compound Semiconductors

LP6836P100-2 Datasheet PDF - Filtronic Compound Semiconductors
Part # LP6836P100-2
Download  LP6836P100-2 Download
File Size   23.09 Kbytes
Page   2 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description Packaged 0.25W Power PHEMT

LP6836P100-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP6836P100-2 Datasheet PDF - Filtronic Compound Semiconductors

Part # LP6836P100-2
Download  LP6836P100-2 Click to download

File Size   23.09 Kbytes
Page   2 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description Packaged 0.25W Power PHEMT

LP6836P100-2 Datasheet (HTML) - Filtronic Compound Semiconductors


LP6836P100-2 Product details

DESCRIPTION AND APPLICATIONS
The LP6836P100 is a packaged Aluminum Gallium Arsenide / Indium Gallium Arsenide (AlGaAs/InGaAs) Pseudomorphic High Electron Mobility Transistor (PHEMT), utilizing an Electron-Beam direct-write 0.25 µm by 360 µm Schottky barrier gate. The recessed “mushroom” gate structure minimizes parasitic gate-source and gate resistances. The epitaxial structure and processing have been optimized for reliable high-power applications. The LP6836 also features Si3N4 passivation and is available in die form, or P70 packages. Packages are color-coded by IDSS range.

FEATURES
• +24.5 dBm Typical Power at 15 GHz
• 12 dB Typical Power Gain at 15 GHz
• Low Intermodulation Distortion
• 55% Power-Added-Efficiency
• Color-coded by IDSS range




Similar Part No. - LP6836P100-2

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP6836P70 FILTRONIC-LP6836P70 Datasheet
59Kb / 3P
PACKAGED MEDIUM POWER PHEMT
More results


Similar Description - LP6836P100-2

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP1500P100 FILTRONIC-LP1500P100 Datasheet
48Kb / 3P
PACKAGED 1W POWER PHEMT
LP3000P100 FILTRONIC-LP3000P100 Datasheet
47Kb / 3P
PACKAGED 2W POWER PHEMT
LP6836SOT343 FILTRONIC-LP6836SOT343 Datasheet
67Kb / 2P
PACKAGED MEDIUM POWER PHEMT
LP6872P100 FILTRONIC-LP6872P100 Datasheet
23Kb / 2P
Packaged 0.5W Power PHEMT
FPD1500P100 FILTRONIC-FPD1500P100 Datasheet
182Kb / 3P
1W PACKAGED POWER PHEMT
FPD3000P100 FILTRONIC-FPD3000P100 Datasheet
182Kb / 3P
2W PACKAGED POWER PHEMT
FPD4000AS FILTRONIC-FPD4000AS Datasheet
197Kb / 3P
2.5W PACKAGED POWER PHEMT
FPD6836 FILTRONIC-FPD6836 Datasheet
188Kb / 2P
0.25W POWER PHEMT
FPD10000AF FILTRONIC-FPD10000AF Datasheet
185Kb / 3P
10W PACKAGED POWER PHEMT
FPD6836 FILTRONIC-FPD6836_1 Datasheet
142Kb / 3P
0.25W POWER PHEMT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com