Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-247 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-247 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-247
Download  ACPL-247 Download
File Size   181.79 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler

ACPL-247 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-247 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-247
Download  ACPL-247 Click to download

File Size   181.79 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler

ACPL-247 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-247 Product details

Description
The ACPL-227 is a DC-input dual channel half-pitch phototransistor optocoupler which contains two light emitting diodes optically coupled to two separate photo-transistors. It is packaged in an 8-pin SO package.

Features
• Current transfer ratio (CTR: 50% (min) at IF = 5mA, VCE = 5V)
• High input-output isolation voltage (VISO = 3,000VRMS)
• Non-saturated Response time (tr: 2μs (typ) at VCC = 10V, IC = 2mA, RL= 100Ω)
• SO package
• CMR 10kV/μs (typical)
• Safety and regulatory approvals
    - cUL
    - IEC/EN/DIN EN 60747-5-2
• Options available:
    – CTR Ranks 0, B & C for ACPL-227 and Rank 0 only for ACPL-247

Applications
• I/O Interface for Programmable controllers, computers.
• Sequence controllers
• System appliances, measuring instruments
• Signal transmission between circuits of different potentials and impedances.




Similar Part No. - ACPL-247

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-247 AVAGO-ACPL-247 Datasheet
181Kb / 8P
DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-247 AVAGO-ACPL-247 Datasheet
215Kb / 8P
DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-247 AVAGO-ACPL-247 Datasheet
181Kb / 8P
DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-247 AVAGO-ACPL-247 Datasheet
181Kb / 8P
DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
logo
Broadcom Corporation.
ACPL-247 BOARDCOM-ACPL-247 Datasheet
966Kb / 11P
DC Input, Multi-Channel Half-Pitch Phototransistor Optocoupler
More results


Similar Description - ACPL-247

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-224 AVAGO-ACPL-224 Datasheet
441Kb / 8P
AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-247-560E AVAGO-ACPL-247-560E Datasheet
181Kb / 8P
DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-500E AVAGO-ACPL-227-500E Datasheet
181Kb / 8P
DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227 AVAGO-ACPL-227 Datasheet
215Kb / 8P
DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-560E AVAGO-ACPL-227-560E Datasheet
181Kb / 8P
DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-50CE AVAGO-ACPL-227-50CE Datasheet
181Kb / 8P
DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-244-560E AVAGO-ACPL-244-560E Datasheet
179Kb / 8P
AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-56CE AVAGO-ACPL-227-56CE Datasheet
181Kb / 8P
DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
logo
Broadcom Corporation.
ACPL-224 BOARDCOM-ACPL-224 Datasheet
820Kb / 10P
AC Input, Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227 BOARDCOM-ACPL-227 Datasheet
966Kb / 11P
DC Input, Multi-Channel Half-Pitch Phototransistor Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com