Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2191 Datasheet (PDF) - Diodes Incorporated

AP2191 Datasheet PDF - Diodes Incorporated
Part # AP2191
Download  AP2191 Download
File Size   438.82 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH

AP2191 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2191 Datasheet PDF - Diodes Incorporated

Part # AP2191
Download  AP2191 Click to download

File Size   438.82 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH

AP2191 Datasheet (HTML) - Diodes Incorporated


AP2191 Product details

Description

The AP2181 and AP2191 are integrated high-side power switches optimized for Universal Serial Bus (USB) and other hot-swap applications. The family of devices complies with USB 2.0 and available with both polarities of Enable input. They offer current and thermal limiting and short circuit protection as well as controlled rise time and under-voltage lockout functionality. A 7ms deglitch capability on the open-drain Flag output prevents false over-current reporting and does not require any external components.

All devices are available in SOP-8L, MSOP-8L-EP, SOT25 and DFN2018-6 packages.



Features

• Single USB port power switches

• Over-current and thermal protection

• 2.1A accurate current limiting

•Reverse Current Blocking

•95mΩ on-resistance

• Input voltage range: 2.7V – 5.5V

• 0.6ms typical rise time 

• Very low shutdown current: 1uA (max)

• Fault report (FLG) with blanking time (7ms typ)

• ESD protection: 4KV HBM, 300V MM

• Active low (AP2181) or active high (AP2191) enable

• Ambient temperature range: -40°C to 85°C

• SOT25, SOP-8L, MSOP-8L-EP (Exposed Pad), and DFN2018-6: Available in “Green” Molding Compound (No Br, Sb)

• Lead Free Finish / RoHS Compliant

• UL Recognized, File Number E322375

• IEC60950-1 CB Scheme Certified




Similar Part No. - AP2191

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2191 DIODES-AP2191 Datasheet
386Kb / 18P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2191 Rev. 6
AP2191 DIODES-AP2191 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2191A DIODES-AP2191A Datasheet
884Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
AP2191AFM-7 DIODES-AP2191AFM-7 Datasheet
884Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
AP2191AMP-13 DIODES-AP2191AMP-13 Datasheet
884Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
More results


Similar Description - AP2191

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2186 DIODES-AP2186 Datasheet
524Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2186/AP2196 Rev 1
AP2181_0906 DIODES-AP2181_0906 Datasheet
386Kb / 18P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2191 Rev. 6
AP2181D_1009 DIODES-AP2181D_1009 Datasheet
408Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32251 Rev. 2 - 2
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
1.5A 1-Channel Current Limited Power Switch
logo
Diodes Incorporated
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
logo
Monolithic Power System...
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62150 MPS-MP62150 Datasheet
602Kb / 10P
3.3V/5V, Single-Channel, 1.5A Current-Limited Power Distribution Switch
logo
Diodes Incorporated
AP2191SG-13 DIODES-AP2191SG-13 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F_15 Datasheet
499Kb / 8P
1.5A 1-Channel Current Limited Power Switch
logo
Diodes Incorporated
AP2181A DIODES-AP2181A Datasheet
884Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com