Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL3222ECV Datasheet (PDF) - Intersil Corporation

ICL3222ECV Datasheet PDF - Intersil Corporation
Part # ICL3222ECV
Download  ICL3222ECV Download
File Size   699.7 Kbytes
Page   33 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ESD Protection for RS-232 I/O Pins to 5kV (IEC61000)

ICL3222ECV Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL3222ECV Datasheet PDF - Intersil Corporation

Part # ICL3222ECV
Download  ICL3222ECV Click to download

File Size   699.7 Kbytes
Page   33 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ESD Protection for RS-232 I/O Pins to 5kV (IEC61000)

ICL3222ECV Datasheet (HTML) - Intersil Corporation


ICL3222ECV Product details

Features

• ESD Protection for RS-232 I/O Pins to ±15kV (IEC61000)

• Drop in Replacements for MAX3221E, MAX3222E, MAX3223E, MAX3232E, MAX3241E, MAX3243E,SP3243E

• ICL3221E is a Low Power, Pin Compatible Upgrade for 5V MAX221E

• ICL3222E is a Low Power, Pin Compatible Upgrade for 5V MAX242E, and SP312E

• ICL3232E is a Low Power Upgrade for HIN232E, ICL232 and Pin Compatible Competitor Devices

• RS-232 Compatible with VCC= 2.7V

• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3

• Latch-Up Free

• On-Chip Voltage Converters Require Only Four External 0.1µF Capacitors

• Manual and Automatic Power-Down Features

• Guaranteed Mouse Driveability (ICL324xE Only)




Similar Part No. - ICL3222ECV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3222ECV-T INTERSIL-ICL3222ECV-T Datasheet
699Kb / 33P
짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ICL3222ECV-T INTERSIL-ICL3222ECV-T Datasheet
699Kb / 33P
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
logo
Renesas Technology Corp
ICL3222ECV-T RENESAS-ICL3222ECV-T Datasheet
1Mb / 33P
ESD Protection for RS-232 I/O Pins to 짹15kV (IEC61000)
logo
Intersil Corporation
ICL3222ECVZ INTERSIL-ICL3222ECVZ Datasheet
699Kb / 33P
짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ICL3222ECVZ INTERSIL-ICL3222ECVZ Datasheet
699Kb / 33P
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
More results


Similar Description - ICL3222ECV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3238E MAXIM-MAX3238E Datasheet
235Kb / 14P
3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
19-1632; Rev 1; 6/01
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Texas Instruments
MAX232E TI-MAX232E Datasheet
353Kb / 16P
DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232E TI-MAX232E_09 Datasheet
437Kb / 16P
DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232E TI-MAX232E_10 Datasheet
405Kb / 16P
DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232E_101 TI-MAX232E_101 Datasheet
502Kb / 18P
DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
TRS232E TI-TRS232E_10 Datasheet
526Kb / 18P
DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
TRS232 TI1-TRS232 Datasheet
630Kb / 18P
DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
logo
Leshan Radio Company
LESD9D12T5G LRC-LESD9D12T5G Datasheet
493Kb / 6P
IEC61000???? Level 4 ESD Protection
logo
Renesas Technology Corp
ICL3221E RENESAS-ICL3221E Datasheet
1Mb / 33P
ESD Protection for RS-232 I/O Pins to 짹15kV (IEC61000)
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com