Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV3000 Datasheet (PDF) - Filtronic Compound Semiconductors

LPV3000 Datasheet PDF - Filtronic Compound Semiconductors
Part # LPV3000
Download  LPV3000 Download
File Size   49.74 Kbytes
Page   2 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description 2W Power PHEMT

LPV3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPV3000 Datasheet PDF - Filtronic Compound Semiconductors

Part # LPV3000
Download  LPV3000 Click to download

File Size   49.74 Kbytes
Page   2 Pages
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors
Description 2W Power PHEMT

LPV3000 Datasheet (HTML) - Filtronic Compound Semiconductors


LPV3000 Product details

DESCRIPTION AND APPLICATIONS
The LP3000 is an Aluminum Gallium Arsenide / Indium Gallium Arsenide (AlGaAs/InGaAs) Pseudomorphic High Electron Mobility Transistor (PHEMT), utilizing an Electron-Beam direct-write 0.25 µm by 3000 µm Schottky barrier gate. The recessed “mushroom” gate structure minimizes parasitic gate-source and gate resistances. The epitaxial structure and processing have been optimized for reliable high-power applications. The LP3000 also features Si3N4 passivation and is available with plated source via-holes (LPV 3000) as an option for improved high-frequency performance. Also available in a ceramic flanged package (P100) and ball grid array package.
Typical applications include commercial and military high-performance power amplifiers, including SATCOM uplink transmitters, PCS/Cellular low-voltage high-efficiency output amplifiers, and medium-haul digital radio transmitters. The LPV 3000/LP 3000 may be procured in a variety of grades, depending upon specific user requirements. Standard lot screening is patterned after MIL-STD-19500, JANC grade. Space-level screening to FSS JANS grade is also available.

FEATURES
• +33.5 dBm Typical Power at 18 GHz
• 7 dB Typical Power Gain at 18 GHz
• +30.5 dBm at 3.3V Battery Voltage
• Low Intermodulation Distortion
• 45% Power-Added-Efficiency at 18 GHz




Similar Part No. - LPV3000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV321 NSC-LPV321 Datasheet
715Kb / 21P
General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LPV321 TI-LPV321 Datasheet
430Kb / 17P
GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER,RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
LPV321 TI-LPV321 Datasheet
685Kb / 23P
GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER,RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
LPV321 TI1-LPV321 Datasheet
1Mb / 22P
Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
LPV321 TI1-LPV321 Datasheet
1Mb / 28P
LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
More results


Similar Description - LPV3000

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP3000P100 FILTRONIC-LP3000P100 Datasheet
47Kb / 3P
PACKAGED 2W POWER PHEMT
logo
List of Unclassifed Man...
TC3967 ETC1-TC3967 Datasheet
25Kb / 1P
2W Packaged Self-Bias PHEMT GaAs Power FETs
logo
Filtronic Compound Semi...
FPD2000AS FILTRONIC-FPD2000AS Datasheet
281Kb / 7P
2W PACKAGED POWER PHEMT
FPD2000V FILTRONIC-FPD2000V Datasheet
510Kb / 3P
2W POWER PHEMT
FPD3000 FILTRONIC-FPD3000 Datasheet
183Kb / 2P
2W POWER PHEMT
FPD3000P100 FILTRONIC-FPD3000P100 Datasheet
182Kb / 3P
2W PACKAGED POWER PHEMT
FPD3000 FILTRONIC-FPD3000_1 Datasheet
168Kb / 3P
2W POWER PHEMT
FPD2000AS FILTRONIC-FPD2000AS_1 Datasheet
381Kb / 10P
2W PACKAGED POWER PHEMT
logo
RF Micro Devices
FPD3000 RFMD-FPD3000 Datasheet
243Kb / 4P
2W POWER pHEMT
logo
M/A-COM Technology Solu...
MAAP-010518 MA-COM-MAAP-010518 Datasheet
4Mb / 10P
2W Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com