Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM201 Datasheet (PDF) - Formosa MS

FM201 Datasheet PDF - Formosa MS
Part # FM201
Download  FM201 Download
File Size   67.01 Kbytes
Page   2 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description Glass passivated type

FM201 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM201 Datasheet PDF - Formosa MS

Part # FM201
Download  FM201 Click to download

File Size   67.01 Kbytes
Page   2 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description Glass passivated type

FM201 Datasheet (HTML) - Formosa MS


FM201 Product details

Glass passivated type



Features

• Plastic package has Underwriters Laboratory

   FlammabilityClassification 94V-O Utilizing Flame

   Retardant Epoxy Molding Compound.

• For surface mounted applications.

• Exceeds environmental standards of MIL-S-19500 / 228

• Low leakage current.



 




Similar Part No. - FM201

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM201 RECTRON-FM201 Datasheet
22Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Shenzhen Luguang Electr...
FM201 LUGUANG-FM201 Datasheet
93Kb / 7P
2.0A Surface Mount General Purpose
logo
Formosa MS
FM201 FORMOSA-FM201 Datasheet
56Kb / 7P
Chip General Purpose Rectifiers
FM201-BS FORMOSA-FM201-BS Datasheet
57Kb / 7P
Chip General Purpose Rectifiers
FM201-L FORMOSA-FM201-L Datasheet
69Kb / 2P
Chip Silicon Rectifier - Glass passivated type
More results


Similar Description - FM201

ManufacturerPart #DatasheetDescription
logo
Formosa MS
B05S FORMOSA-B05S Datasheet
69Kb / 2P
Glass passivated type
DB101S FORMOSA-DB101S Datasheet
68Kb / 2P
Glass passivated type
FM301 FORMOSA-FM301 Datasheet
68Kb / 2P
Glass passivated type
FM4001-M FORMOSA-FM4001-M Datasheet
67Kb / 2P
Glass passivated type
FM4001 FORMOSA-FM4001 Datasheet
67Kb / 2P
Glass passivated type
SM4001 FORMOSA-SM4001 Datasheet
65Kb / 2P
Glass passivated type
logo
HY ELECTRONIC CORP.
GBU10005 HY-GBU10005 Datasheet
91Kb / 2P
GLASS PASSIVATED GLASS PASSIVATED
logo
Yea Shin Technology Co....
DB101S YEASHIN-DB101S Datasheet
355Kb / 2P
Glass passivated type
logo
Formosa MS
SM4001 FORMOSA-SM4001_13 Datasheet
105Kb / 2P
Glass passivated type
logo
HY ELECTRONIC CORP.
KBP2005G HY-KBP2005G_17 Datasheet
143Kb / 3P
GLASS PASSIVATED GLASS PASSIVATED
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com