Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM140 Datasheet (PDF) - Formosa MS

FM140 Datasheet PDF - Formosa MS
Part # FM140
Download  FM140 Download
File Size   68.87 Kbytes
Page   2 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description Silicon epitaxial planer type

FM140 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM140 Datasheet PDF - Formosa MS

Part # FM140
Download  FM140 Click to download

File Size   68.87 Kbytes
Page   2 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description Silicon epitaxial planer type

FM140 Datasheet (HTML) - Formosa MS


FM140 Product details

Silicon epitaxial planer type



Features

Plastic package has Underwriters Laboratory

FlammabilityClassification 94V-O Utilizing Flame

Retardant Epoxy Molding Compound.

For surface mounted applications.

Exceeds environmental standards of MIL-S-19500 / 228

Low leakage current.



Mechanical data

Case : Molded plastic, JEDECDO-214AC

Terminals : Solder plated, solderable per MIL-STD-750, Method 2026

Polarity : Indicated by c athode band

Mounting Position : Any

Weight : 0.0015 ounce, 0.05 gram

 




Similar Part No. - FM140

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM140 FORMOSA-FM140 Datasheet
71Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Microdiode Semiconducto...
FM140 CHENDA-FM140 Datasheet
910Kb / 5P
1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
Rectron Semiconductor
FM140 RECTRON-FM140 Datasheet
269Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-10 REV: F
logo
Formosa MS
FM140-L FORMOSA-FM140-L Datasheet
68Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM140-L FORMOSA-FM140-L Datasheet
173Kb / 7P
Chip Schottky Barrier Rectifier
More results


Similar Description - FM140

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
MA357J PANASONIC-MA357J Datasheet
22Kb / 2P
Silicon epitaxial planer type
MA360J PANASONIC-MA360J Datasheet
22Kb / 2P
Silicon epitaxial planer type
MA367 PANASONIC-MA367 Datasheet
23Kb / 2P
Silicon epitaxial planer type
logo
PACELEADER INDUSTRIAL
PSL12 PACELEADER-PSL12 Datasheet
260Kb / 2P
SILICON EPITAXIAL PLANER TYPE
PSL22 PACELEADER-PSL22 Datasheet
262Kb / 2P
SILICON EPITAXIAL PLANER TYPE
logo
SHENZHEN YONGERJIA INDU...
DLS120 WINNERJOIN-DLS120 Datasheet
121Kb / 2P
Silicon epitaxial planer type
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com