Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8008D Datasheet (PDF) - Littelfuse

S8008D Datasheet PDF - Littelfuse
Part # S8008D
Download  S8008D Download
File Size   218.54 Kbytes
Page   12 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description RoHS Compliant

S8008D Datasheet (PDF)

Go To PDF Page Download Datasheet
S8008D Datasheet PDF - Littelfuse

Part # S8008D
Download  S8008D Click to download

File Size   218.54 Kbytes
Page   12 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description RoHS Compliant

S8008D Datasheet (HTML) - Littelfuse


S8008D Product details

General Description
The Teccor line of thyristor SCR semi-conductors are half-wave, unidirectional, gate-controlled rectifiers which complement Teccors line of sensitive SCRs. Teccor offers devices with ratings of 1 A to 70 A and 200 V to 1000 V, with gate sensitivities from 10 mA to 50 mA. If gate currents in the 12 µA to 500 µA ranges are required, see “Sensitive SCRs” section of this catalog.
Three packages are offered in electrically isolated construction where the case or tab is internally isolated to allow the use of low-cost assembly and convenient packaging techniques. The Teccor line of SCRs features glass-passivated junctions to ensure long-term reliability and parameter stability. Teccor’s glass offers a rugged, reliable barrier against junction contamination.
Variations of devices covered in this data sheet are available for custom design applications. Consult the factory for more information.

Features
• RoHS Compliant
• Electrically-isolated package
• High voltage capability — 200 V to 1000 V
• High surge capability — up to 950 A
• Glass-passivated chip

Compak SCR
• Surface mount package — 1 A series
• New small profile three-leaded Compak package
• Packaged in embossed carrier tape with 2,500 devices per reel
• Can replace SOT-223




Similar Part No. - S8008D

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S8008D TECCOR-S8008D Datasheet
222Kb / 12P
SCRs
logo
Littelfuse
S8008D LITTELFUSE-S8008D Datasheet
212Kb / 12P
SCRs (1 A to 70 A)
S8008D LITTELFUSE-S8008D Datasheet
218Kb / 12P
RoHS Compliant, Electrically-isolated package
logo
List of Unclassifed Man...
S8008D ETC2-S8008D Datasheet
218Kb / 12P
RoHS Compliant
logo
Inchange Semiconductor ...
S8008D ISC-S8008D Datasheet
251Kb / 2P
isc Thyristors
More results


Similar Description - S8008D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com