Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC4 Datasheet (PDF) - KOA Speer Electronics, Inc.

HPC4 Datasheet PDF - KOA Speer Electronics, Inc.
Part # HPC4
Download  HPC4 Download
File Size   230.46 Kbytes
Page   2 Pages
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.
Description RESISTANCE TO POWER SURGE

HPC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HPC4 Datasheet PDF - KOA Speer Electronics, Inc.

Part # HPC4
Download  HPC4 Click to download

File Size   230.46 Kbytes
Page   2 Pages
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.
Description RESISTANCE TO POWER SURGE

HPC4 Datasheet (HTML) - KOA Speer Electronics, Inc.




Similar Part No. - HPC4

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HPC4 KOA-HPC4 Datasheet
344Kb / 3P
ceramic fixed power type leaded resistor
HPC4 KOA-HPC4 Datasheet
344Kb / 3P
ceramic fixed power type leaded resistor
logo
TAI-TECH Advanced Elect...
HPC4010TF TAI-TECH-HPC4010TF Datasheet
435Kb / 2P
Power Inductor
HPC4010TF-100M TAI-TECH-HPC4010TF-100M Datasheet
435Kb / 2P
Power Inductor
HPC4010TF-150M TAI-TECH-HPC4010TF-150M Datasheet
435Kb / 2P
Power Inductor
More results


Similar Description - HPC4

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PLO WELWYN-PLO Datasheet
189Kb / 1P
Low Resistance Power Wirewounds
logo
Rohm
ESR01 ROHM-ESR01_12 Datasheet
136Kb / 5P
Anti-surge Chip Resistors 2kV to 5kV electrostatic discharge resistance.
logo
New Jersey Semi-Conduct...
5KP NJSEMI-5KP Datasheet
216Kb / 4P
Low incremental surge resistance
logo
International Rectifier
IRFH8316PBF IRF-IRFH8316PBF Datasheet
262Kb / 9P
Low Thermal Resistance to PCB
logo
List of Unclassifed Man...
BT136-600-127 ETC2-BT136-600-127 Datasheet
44Kb / 6P
Thermal resistance junction to mounting base Thermal resistance junction to ambient
logo
TT Electronics.
LHVC TTELEC-LHVC Datasheet
284Kb / 2P
Resistance 50K to 10M
PPW TTELEC-PPW Datasheet
280Kb / 2P
resistance to or1 ohms to 5k ohms
SQM TTELEC-SQM Datasheet
419Kb / 3P
resistance or1 to 200k
logo
Micro Commercial Compon...
15KP17 MCC-15KP17 Datasheet
232Kb / 3P
Low incremental surge resistance
logo
Infineon Technologies A...
IRFHM9331 INFINEON-IRFHM9331 Datasheet
236Kb / 8P
Low Thermal Resistance to PCB
2013-12-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com