Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908AP8 Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC908AP8 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC908AP8
Download  MC68HC908AP8 Download
File Size   1705.46 Kbytes
Page   324 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Table of Contents

MC68HC908AP8 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC908AP8 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC908AP8
Download  MC68HC908AP8 Click to download

File Size   1705.46 Kbytes
Page   324 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Table of Contents

MC68HC908AP8 Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC908AP8 Product details

General Description
1.1 Introduction
The MC68HC908AP64 is a member of the low-cost, high-performance M68HC08 Family of 8-bit
microcontroller units (MCUs). All MCUs in the family use the enhanced M68HC08 central processor unit (CPU08) and are available with a variety of modules, memory sizes and types, and package types.

1.2 Features
Features of the MC68HC908AP64 include the following:
• High-performance M68HC08 architecture
• Fully upward-compatible object code with M6805, M146805, and M68HC05 Families
• Maximum internal bus frequency:
– 8-MHz at 5V or 3V operating voltage
• Clock input options:
– RC-oscillator
– 32-kHz crystal-oscillator with 32MHz internal PLL
• User program FLASH memory with security
– 62,368 bytes for MC68HC908AP64
– 32,768 bytes for MC68HC908AP32
– 16,384 bytes for MC68HC908AP16
– 8,192 bytes for MC68HC908AP8
• On-chip RAM
– 2,048 bytes for MC68HC908AP64 and MC68HC908AP32
– 1,024 bytes for MC68HC908AP16 and MC68HC908AP8
• Two 16-bit, 2-channel timer interface modules (TIM1 and TIM2) with selectable input capture,
output compare, and PWM capability on each channel
• Timebase module
• Serial communications interface module 1 (SCI)
• Serial communications interface module 2 (SCI) with infrared (IR) encoder/decoder
• Serial peripheral interface module (SPI)
• System management bus (SMBus), version 1.0/1.1 (multi-master IIC bus)
• 8-channel, 10-bit analog-to-digital converter (ADC)
• IRQ1 external interrupt pin with integrated pullup
• IRQ2 external interrupt pin with programmable pullup
• 8-bit keyboard wakeup port with integrated pullup
• 32 general-purpose input/output (I/O) pins:
– 31 shared-function I/O pins
– 8 LED drivers (sink)
–6×25mA open-drain I/O with pullup
• Low-power design (fully static with stop and wait modes)
• Master reset pin (with integrated pullup) and power-on reset
• System protection features
– Optional computer operating properly (COP) reset, driven by internal RC oscillator
– Low-voltage detection with optional reset or interrupt
– Illegal opcode detection with reset
– Illegal address detection with reset
• 48-pin low quad flat pack (LQFP), 44-pin quad flat pack (QFP), and 42-pin shrink dual-in-line
package (SDIP)
• Specific features of the MC68HC908AP64 in 42-pin SDIP are:
– 30 general-purpose l/Os only
– External interrupt onIRQ1 only
Features of the CPU08 include the following:
• Enhanced HC05 programming model
• Extensive loop control functions
• 16 addressing modes (eight more than the HC05)
• 16-bit Index register and stack pointer
• Memory-to-memory data transfers
• Fast 8×8 multiply instruction
• Fast 16/8 divide instruction
• Binary-coded decimal (BCD) instructions
• Optimization for controller applications
• Efficient C language support




Similar Part No. - MC68HC908AP8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC908AP8 MOTOROLA-MC68HC908AP8 Datasheet
3Mb / 440P
Microcontrollers
logo
Freescale Semiconductor...
MC68HC908AP8 FREESCALE-MC68HC908AP8 Datasheet
3Mb / 324P
Microcontrollers
MC68HC908AP8 FREESCALE-MC68HC908AP8 Datasheet
1Mb / 324P
Microcontrollers
MC68HC908AP8A FREESCALE-MC68HC908AP8A Datasheet
1Mb / 316P
Microcontrollers
MC68HC908AP8A FREESCALE-MC68HC908AP8A Datasheet
1Mb / 316P
M68HC08 Microcontrollers
More results


Similar Description - MC68HC908AP8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP400 NSC-COP400 Datasheet
8Mb / 79P
COPS Family Users Guide Table of Contents
logo
Tyco Electronics
2-1437683-0 MACOM-2-1437683-0 Datasheet
367Kb / 18P
Table of Contents?봊nterface Module Systems
2-1437683-6 MACOM-2-1437683-6 Datasheet
367Kb / 18P
Table of Contents?봊nterface Module Systems
2-1437684-0 MACOM-2-1437684-0 Datasheet
367Kb / 18P
Table of Contents?봊nterface Module Systems
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2_13 Datasheet
3Mb / 81P
Introduction and Table of Contents
logo
Tyco Electronics
3-641214-8 MACOM-3-641214-8 Datasheet
2Mb / 84P
Table of Contents
1410946-1 MACOM-1410946-1 Datasheet
1Mb / 26P
Table of Contents
logo
AVX Corporation
9159 AVX-9159 Datasheet
2Mb / 63P
Table of Contents
logo
Analog Devices
ADP1761-EVALZ AD-ADP1761-EVALZ Datasheet
486Kb / 9P
TABLE OF CONTENTS
Rev. 0
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
Table of Contents
April 4, 2016
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com