Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4423 Datasheet (PDF) - Micrel Semiconductor

MIC4423 Datasheet PDF - Micrel Semiconductor
Part # MIC4423
Download  MIC4423 Download
File Size   221.61 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 3A-Peak Low-Side MOSFET Driver

MIC4423 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4423 Datasheet PDF - Micrel Semiconductor

Part # MIC4423
Download  MIC4423 Click to download

File Size   221.61 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 3A-Peak Low-Side MOSFET Driver

MIC4423 Datasheet (HTML) - Micrel Semiconductor


MIC4423 Product details

General Description

The MIC4423/4424/4425 family are highly reliable BiCMOS DMOS buffer/driver/MOSFET drivers. They are higher out put current versions of the MIC4426/4427/4428, which are improved versions of the MIC426/427/428. All three familie are pin-compatible. The MIC4423/4424/4425 drivers are capable of giving reliable service in more demanding electrical environments  than  their  predecessors. 



Features

•  Reliable, low-power bipolar/CMOS/DMOS construction

•  Latch-up protected to >500mA reverse current

•  Logic input withstands swing to –5V

•  High 3A-peak output current

•  Wide 4.5V to 18V operating range

•  Drives 1800pF capacitance in 25ns

•  Short <40ns typical delay time

•  Delay times consistent with in supply voltage change

•  Matched rise and fall times

•  TTL logic input independent of supply voltage

•  Low equivalent 6pF input capacitance

•  Low supply current

    3.5mA with logic-1 input

    350µA with logic-0 input

•  Low 3.5Ω typical output impedance

•  Output voltage swings within 25mV of ground or VS.

•  ‘426/7/8-, ‘1426/7/8-, ‘4426/7/8-compatible pinout

•  Inverting, noninverting, and differential configurations



 




Similar Part No. - MIC4423

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4423 MICREL-MIC4423 Datasheet
117Kb / 12P
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4423 MICREL-MIC4423 Datasheet
218Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
logo
MIC GROUP RECTIFIERS
MIC4423 MIC-MIC4423 Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Microchip Technology
MIC4423 MICROCHIP-MIC4423 Datasheet
2Mb / 26P
Dual 3A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
MIC4423-YM MICROCHIP-MIC4423-YM Datasheet
2Mb / 26P
Dual 3A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
More results


Similar Description - MIC4423

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4423 MICREL-MIC4423 Datasheet
117Kb / 12P
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4123 MICREL-MIC4123 Datasheet
360Kb / 11P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423 MICREL-MIC4423_05 Datasheet
218Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM MICREL-MIC4424YM Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423YM MICREL-MIC4423YM Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM-TR MICREL-MIC4424YM-TR Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4425YN MICREL-MIC4425YN Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MAQ4123 MICREL-MAQ4123 Datasheet
489Kb / 18P
Automotive AEC-Q100 Qualified Dual 3A Peak Low-Side MOSFET Driver
logo
Microchip Technology
MIC4423 MICROCHIP-MIC4423 Datasheet
2Mb / 26P
Dual 3A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com