Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF1000 Datasheet (PDF) - PACELEADER INDUSTRIAL

UF1000 Datasheet PDF - PACELEADER INDUSTRIAL
Part # UF1000
Download  UF1000 Download
File Size   260.13 Kbytes
Page   2 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description SUPERFAST mount reverse voltage

UF1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
UF1000 Datasheet PDF - PACELEADER INDUSTRIAL

Part # UF1000
Download  UF1000 Click to download

File Size   260.13 Kbytes
Page   2 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description SUPERFAST mount reverse voltage

UF1000 Datasheet (HTML) - PACELEADER INDUSTRIAL


UF1000 Product details

FEATURES
 • Plastic package has Underwriters Laboratory
    Flammability Classification 94V-O Utilizing
    Flame Retardant Epoxy Molding Compound
 • Exceeds environmental standards of MIL-S-19500/228
 • Low power loss, high efficiency
 • Low forward voltage, high current capability
 • High surge capacity
 • Ultra Fast recovery times, high voltage
 • High temperature soldering : 260°C / 10 seconds at terminals
 • Pb free product at available : 99% Sn above meet RoHS environment substance directive request




Similar Part No. - UF1000

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
60Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
Won-Top Electronics
UF1000 WTE-UF1000 Datasheet
44Kb / 3P
10A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000 WTE-UF1000 Datasheet
50Kb / 4P
10A GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
75Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
UF1000 CHENG-YI-UF1000 Datasheet
170Kb / 2P
ULTRAFAST SWITCHING RECTIFIERS
More results


Similar Description - UF1000

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SF18 GXELECTRONICS-SF18 Datasheet
674Kb / 2P
SUPERFAST RECOVERY RECTIFIERS Reverse Voltage ??50 to 600 Volts
logo
PACELEADER INDUSTRIAL
UF505 PACELEADER-UF505 Datasheet
193Kb / 3P
SURFACE MOUNT REVERSE voltage
UF800 PACELEADER-UF800 Datasheet
284Kb / 2P
SUPERFAST mount reverse voltage
UF1000CT PACELEADER-UF1000CT Datasheet
254Kb / 2P
SUPERFAST mount reverse voltage
UF1000F PACELEADER-UF1000F Datasheet
302Kb / 2P
SUPERFAST mount reverse voltage
UF1600FCT PACELEADER-UF1600FCT Datasheet
197Kb / 2P
SUPERFAST SURFACE MOUNT REVERSE
logo
GOOD-ARK Electronics
ES3A GOOD-ARK-ES3A_15 Datasheet
390Kb / 5P
Surface Mount Glass Passivated Superfast Rectifier Reverse Voltage 50 to 600V Forward Current 3A
FU1 GOOD-ARK-FU1_15 Datasheet
205Kb / 4P
Surface Mount Glass Passivated superfast recovery Rectifier Reverse Voltage 50~600V Forward Current 1A
LU1 GOOD-ARK-LU1 Datasheet
183Kb / 4P
Surface Mount Glass Passivated superfast recovery Rectifier Reverse Voltage 50~600V Forward Current 1A
logo
Rectron Semiconductor
ES1AW RECTRON-ES1AW Datasheet
598Kb / 6P
Surface Mount Superfast Recovery Rectifier Reverse Voltage-50 to 600V Forward Current-1A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com