Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR160F Datasheet (PDF) - PACELEADER INDUSTRIAL

MBR160F Datasheet PDF - PACELEADER INDUSTRIAL
Part # MBR160F
Download  MBR160F Download
File Size   608.17 Kbytes
Page   2 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

MBR160F Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR160F Datasheet PDF - PACELEADER INDUSTRIAL

Part # MBR160F
Download  MBR160F Click to download

File Size   608.17 Kbytes
Page   2 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

MBR160F Datasheet (HTML) - PACELEADER INDUSTRIAL


MBR160F Product details

FEATURES
Schottky barrier chip
guard ring die construction for transient protection
Low forward loss,high efficiency
High surge capability
High current capability and low forward voltage drop
For use in low voltage,high frequency inverters,free wheeling,and polarity protection application
Plastic material:UL flammability Classification rating 94V-0

MECHANICAL DATA
Case SOD-123F Plastic
Lead Solderable per MIL-STD-202,
Method 208
Polarity Cathode band
Marking : Type Code
weight 0.01 grams "approx."




Similar Part No. - MBR160F

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MBR160F KEXIN-MBR160F Datasheet
693Kb / 2P
Schottky Diodes
logo
AiT Semiconductor Inc.
MBR160F AITSEMI-MBR160F Datasheet
435Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1.0A
REV2.0
More results


Similar Description - MBR160F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B130L DIODES-B130L_1 Datasheet
69Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. 6 - 2
logo
SUNMATE electronic Co.,...
BYM13-20 SUNMATE-BYM13-20 Datasheet
222Kb / 2P
1.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 18
DFLS120LQ DIODES-DFLS120LQ_15 Datasheet
202Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 1
DFLS130LQ DIODES-DFLS130LQ_15 Datasheet
202Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 1
B130L DIODES-B130L_15 Datasheet
118Kb / 4P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com