Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMKC03 Datasheet (PDF) - RSG Electronic Components GmbH

PMKC03 Datasheet PDF - RSG Electronic Components GmbH
Part # PMKC03
Download  PMKC03 Download
File Size   245.35 Kbytes
Page   3 Pages
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH
Description 3 WATTS DC-DC CONVERTER

PMKC03 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMKC03 Datasheet PDF - RSG Electronic Components GmbH

Part # PMKC03
Download  PMKC03 Click to download

File Size   245.35 Kbytes
Page   3 Pages
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH
Description 3 WATTS DC-DC CONVERTER

PMKC03 Datasheet (HTML) - RSG Electronic Components GmbH


PMKC03 Product details

DESCRIPTION
The PMKC03 series offer 3 watts of output power from a package in an IC compatible 24pin DIP configuration without derating to 71ºC ambient temperature. PMKC03 series have 2:1 wide input voltage of 4.5~6, 9~18, 18~36 and 36~75VDC.

FEATURES
• 3 WATTS REGULATED OUTPUT POWER
• OUTPUT CURRENT UP TO 600mA
• STANDARD 1.25 X 0.80X 0.40 INCH
• HIGH EFFICIENCY UP TO 80%
• 2:1 WIDE INPUT VOLTAGE RANGE
• SWITCHING FREQUENCY (100kHz, MIN)
• INCLUDE 3.3VDC OUTPUT
• STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
• DUAL SEPARATE OUTPUT
• CE MARK MEETS 2006/95/EC, 2011/95/EC AND 2004/108/EC
• SAFETY MEETS UL60950-1, EN60950-1 AND IEC60950-1
• ISO9001 CERTIFIED MANUFACTURING FACILITIES
• COMPLIANT TO RoHS EU DIRECTIVE 2011/65/EU

APPLICATIONS
   Wireless Network
   Telecom/Datacom
   Industry Control System
   Measurement Equipment
   Semiconductor Equipment




Similar Part No. - PMKC03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMKC03 ETC1-PMKC03 Datasheet
124Kb / 3P
3 Watts of Output Power From a Package
logo
Astrodyne Corporation
PMKC03 ASTRODYNE-PMKC03 Datasheet
155Kb / 3P
Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
PMKC03-05D05 ETC1-PMKC03-05D05 Datasheet
124Kb / 3P
3 Watts of Output Power From a Package
logo
Power Mate Technology C...
PMKC03-05D05 P-DUKE-PMKC03-05D05 Datasheet
239Kb / 3P
3 WATTS REGULATED OUTPUT POWER
PMKC03-05D05 P-DUKE-PMKC03-05D05 Datasheet
1Mb / 3P
3 WATTS DC-DC CONVERTER
More results


Similar Description - PMKC03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
3 WATTS DC-DC CONVERTER
logo
RSG Electronic Componen...
MKC03 RSG-MKC03 Datasheet
170Kb / 3P
3 WATTS DC-DC CONVERTER
PDL03 RSG-PDL03 Datasheet
179Kb / 3P
3 WATTS DC-DC CONVERTER
PDL03W RSG-PDL03W Datasheet
153Kb / 3P
3 WATTS DC-DC CONVERTER
PDS03 RSG-PDS03 Datasheet
181Kb / 3P
3 WATTS DC-DC CONVERTER
PFKC03 RSG-PFKC03 Datasheet
174Kb / 3P
3 WATTS DC-DC CONVERTER
TEM03 RSG-TEM03 Datasheet
173Kb / 3P
3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
3 WATTS DC-DC CONVERTER
PFKC03 P-DUKE-PFKC03_14 Datasheet
682Kb / 3P
3 WATTS DC-DC CONVERTER
PMKC03 P-DUKE-PMKC03_14 Datasheet
1Mb / 3P
3 WATTS DC-DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com