Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB360 Datasheet (PDF) - OPTEK Technologies

OPB360 Datasheet PDF - OPTEK Technologies
Part # OPB360
Download  OPB360 Download
File Size   479.54 Kbytes
Page   10 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Choice of opaque or IR transmissive shell material

OPB360 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB360 Datasheet PDF - OPTEK Technologies

Part # OPB360
Download  OPB360 Click to download

File Size   479.54 Kbytes
Page   10 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Choice of opaque or IR transmissive shell material

OPB360 Datasheet (HTML) - OPTEK Technologies


OPB360 Product details

Description:
Each device in this series provides the flexibility of a custom device from a standard product line. Building from a standard housing with a 0.125” (3.18 mm) wide slot, a user can choose aperture width, opaque or IR transmissive housing shell material, PCBoard lead spacing or wires and mounting tab configuration.

Features:
• 0.125” (3.175 mm) slot width
• Choice of aperture (0.050” or 0.010” width)
• Choice of opaque or IR transmissive shell material
• Choice of mounting configurations
• Choice of lead spacing or wires




Similar Part No. - OPB360

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB360 OPTEK-OPB360 Datasheet
1Mb / 4P
Slotted Op ti cal Switches
Aug-1996
OPB360 OPTEK-OPB360 Datasheet
538Kb / 10P
Slotted Optical Switch
logo
List of Unclassifed Man...
OPB360 ETC-OPB360 Datasheet
484Kb / 10P
Slotted Optical Switch
OPB360 ETC-OPB360 Datasheet
479Kb / 10P
Slotted Optical Switch
OPB360 ETC2-OPB360 Datasheet
479Kb / 10P
Slotted Optical Switch
More results


Similar Description - OPB360

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
WAS-CLM-C-P14-8 FERROXCUBE-WAS-CLM-C-P14-8 Datasheet
23Kb / 1P
MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-C+S-P18-11 FERROXCUBE-WAS-CLM-C+S-P18-11 Datasheet
23Kb / 1P
MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-S-P26-16 FERROXCUBE-WAS-CLM-S-P26-16 Datasheet
24Kb / 1P
MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-TP-P14-8 FERROXCUBE-WAS-CLM-TP-P14-8 Datasheet
23Kb / 1P
MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-TP-P18-11 FERROXCUBE-WAS-CLM-TP-P18-11 Datasheet
23Kb / 1P
MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-TS+C+S-P22 FERROXCUBE-WAS-CLM-TS+C+S-P22 Datasheet
23Kb / 1P
MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
logo
OPTEK Technologies
OPB493T11Z OPTEK-OPB493T11Z Datasheet
264Kb / 7P
Choice of pins or wires mounting configuration
06/14
logo
Honeywell Accelerometer...
HOA0708-001 HONEYWELL-ACC-HOA0708-001 Datasheet
441Kb / 4P
Choice of phototransistor or photodarlington
logo
Honeywell Solid State E...
HOA0708-011 HONEYWELL-HOA0708-011 Datasheet
437Kb / 1P
Choice of phototransistor or photodarlington
logo
OPTEK Technologies
OPB880T51Z OPTEK-OPB880T51Z Datasheet
319Kb / 11P
Choice of opaque or IR transmissive shell material
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com