Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTR2005K Datasheet (PDF) - Diodes Incorporated

ZXTR2005K Datasheet PDF - Diodes Incorporated
Part # ZXTR2005K
Download  ZXTR2005K Download
File Size   278.92 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V INPUT, 5V 50mA REGULATOR TRANSISTOR

ZXTR2005K Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTR2005K Datasheet PDF - Diodes Incorporated

Part # ZXTR2005K
Download  ZXTR2005K Click to download

File Size   278.92 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V INPUT, 5V 50mA REGULATOR TRANSISTOR

ZXTR2005K Datasheet (HTML) - Diodes Incorporated


ZXTR2005K Product details

Description
The ZXTR2005K monolithically integrates a transistor, Zener diode and resistor to function as a high voltage linear regulator. The device regulates with a 5V nominal output at 15mA. It is designed for use in high-voltage applications where standard linear regulators cannot be used. This function is fully integrated into a TO252 package, minimizing PCB area and reducing number of components when compared with a multi-chip discrete solution.

Features
• Series Linear Regulator Using Emitter-Follower Stage
• Input Voltage = 10 to 100V (For regulated output voltage)
• Output Voltage = 5V ± 10%
• 150kΩ resistor to limit quiescent current
• Fully Integrated Into a TO252 Package
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 for High Reliability

Applications
Supply voltage regulation in:
• Startup switch in DC-DC converters
• Networking
• Telecommunications
• Power over Ethernet (PoE)




Similar Part No. - ZXTR2005K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR2005K DIODES-ZXTR2005K Datasheet
378Kb / 7P
100V INPUT, 5V 50mA REGULATOR TRANSISTOR
Rev 3
ZXTR2005K-13 DIODES-ZXTR2005K-13 Datasheet
378Kb / 7P
100V INPUT, 5V 50mA REGULATOR TRANSISTOR
Rev 3
ZXTR2005K DIODES-ZXTR2005K_15 Datasheet
278Kb / 7P
100V INPUT, 5V 50mA REGULATOR TRANSISTOR
Rev 2
ZXTR2005K DIODES-ZXTR2005K_17 Datasheet
378Kb / 7P
100V INPUT, 5V 50mA REGULATOR TRANSISTOR
Rev 3
More results


Similar Description - ZXTR2005K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR2012K DIODES-ZXTR2012K Datasheet
278Kb / 7P
100V INPUT, 12V 50mA REGULATOR TRANSISTOR
Rev 1
ZXTR2008K DIODES-ZXTR2008K Datasheet
280Kb / 7P
100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
Rev 2
ZXTR1005PD8 DIODES-ZXTR1005PD8 Datasheet
429Kb / 8P
100V INPUT, 5V 50mA VOLTAGE REGULATOR
Rev 1
ZXTR1005K4 DIODES-ZXTR1005K4 Datasheet
408Kb / 8P
100V INPUT, 5V 50mA VOLTAGE REGULATOR
Rev 1
ZXTR1005K4 DIODES-ZXTR1005K4_15 Datasheet
408Kb / 8P
100V INPUT, 5V 50mA VOLTAGE REGULATOR
Rev 1
ZXTR1005PD8 DIODES-ZXTR1005PD8_15 Datasheet
429Kb / 8P
100V INPUT, 5V 50mA VOLTAGE REGULATOR
Rev 1
ZXTR2005K DIODES-ZXTR2005K_15 Datasheet
278Kb / 7P
100V INPUT, 5V 50mA REGULATOR TRANSISTOR
Rev 2
ZXTR2008K DIODES-ZXTR2008K_15 Datasheet
280Kb / 7P
100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
Rev 2
ZXTR2005K DIODES-ZXTR2005K_17 Datasheet
378Kb / 7P
100V INPUT, 5V 50mA REGULATOR TRANSISTOR
Rev 3
ZXTR2008K DIODES-ZXTR2008K_17 Datasheet
384Kb / 7P
100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com