Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC04AT14-13 Datasheet (PDF) - Diodes Incorporated

74LVC04AT14-13 Datasheet PDF - Diodes Incorporated
Part # 74LVC04AT14-13
Download  74LVC04AT14-13 Download
File Size   192.49 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HEX BUFFERS WITH OPEN DRAIN OUTPUTS

74LVC04AT14-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC04AT14-13 Datasheet PDF - Diodes Incorporated

Part # 74LVC04AT14-13
Download  74LVC04AT14-13 Click to download

File Size   192.49 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HEX BUFFERS WITH OPEN DRAIN OUTPUTS

74LVC04AT14-13 Datasheet (HTML) - Diodes Incorporated


74LVC04AT14-13 Product details

Description
The 74LVC04A provides six independent inverter buffers. The device is designed for operation with a power supply range of 1.65V to 5.5V. The inputs are tolerant to 5.5V allowing this device to be used in a mixed voltage environment. The device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output preventing damaging current backflow when the device is powered down.

Features
• Wide Supply Voltage Range from 1.65V to 5.5V
• Sinks or Sources 24mA at VCC = 3.3V
• CMOS Low Power Consumption
• IOFF Supports Partial-Power-Down Mode Operation
• Inputs or Outputs Accept up to 5.5V
• Inputs can be Driven by 3.3 V or 5.5V Allowing for Voltage Translation Applications
• ESD Protection Exceeds JESD 22
    ◾ 200-V Machine Model (A115-A)
    ◾ 2000-V Human Body Model (A114-A)
    ◾ Exceeds 1000-V Charged Device Model (C101C)
• Latch-Up Exceeds 250mA per JESD 78, Class II
• Range of Package Options SO-14 and TSSOP-14
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• Voltage Level Shifting
• General Purpose Logic
• Power Down Signal Isolation
• Wide Array of Products such as:
    ◾ PCs, Networking, Notebooks, Ultrabooks, Netbooks
    ◾ Computer Peripherals, Hard Drives, CD/DVD ROM
    ◾ TV, DVD, DVR, Set-Top Box




Similar Part No. - 74LVC04AT14-13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVC04ATTR STMICROELECTRONICS-74LVC04ATTR Datasheet
241Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER HIGH PERFORMANCE
26-Jul-2004
More results


Similar Description - 74LVC04AT14-13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV07A TI-SN54LV07A Datasheet
314Kb / 11P
HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS
SN74LVC07A TI-SN74LVC07A Datasheet
685Kb / 19P
HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LVC07A TI-SN54LVC07A Datasheet
395Kb / 17P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_06 Datasheet
316Kb / 13P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_10 Datasheet
463Kb / 15P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A_101 TI-SN54LV07A_101 Datasheet
462Kb / 15P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LVC07A DIODES-74LVC07A Datasheet
209Kb / 10P
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 3
74LV07A DIODES-74LV07A Datasheet
297Kb / 9P
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 1
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A_15 Datasheet
126Kb / 10P
Hex Buffers / Drivers with Open Drain Outputs
logo
Unisonic Technologies
U74LVC07A UTC-U74LVC07A_15 Datasheet
204Kb / 5P
HEX BUFFERS WITH OPEN-DRAIN OUTPUTS
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com