Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT86 Datasheet (PDF) - Diodes Incorporated

74HCT86 Datasheet PDF - Diodes Incorporated
Part # 74HCT86
Download  74HCT86 Download
File Size   281.46 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description QUADRUPLE 2-INPUT EXCULSIVE OR GATES

74HCT86 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT86 Datasheet PDF - Diodes Incorporated

Part # 74HCT86
Download  74HCT86 Click to download

File Size   281.46 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description QUADRUPLE 2-INPUT EXCULSIVE OR GATES

74HCT86 Datasheet (HTML) - Diodes Incorporated


74HCT86 Product details

Description
The 74HCT86 provides provides four independent 2-input exclusive OR gates with standard push-pull outputs. The device is designed for operation with a power supply range of 4.5V to 5.5V.

Features
• Wide Supply Voltage Range from 4.5V to 5.5V
• Pin Compatible with Low Power Schottky (LSTTL)
• Inputs Are TTL Voltage Level Compatible
• Sinks or Sources 4mA at VCC = 4.5V
• CMOS Low Power Consumption
• Schmitt Trigger Action at All Inputs
• ESD Protection Exceeds JESD 22
    ▪ 200-V Machine Model (A115-A)
    ▪ 2000-V Human Body Model (A114-A)
    ▪ Exceeds 1000-V Charged Device Model (C101C)
• Range of Package Options SO-14 and TSSOP-14
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• General Purpose Logic
• Wide array of products such as:
    ▪ PCs, networking, notebooks, netbooks
    ▪ Computer peripherals, hard drives, CD/DVD ROM
    ▪ TV, DVD, DVR, set top box




Similar Part No. - 74HCT86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT86 PHILIPS-74HCT86 Datasheet
34Kb / 6P
Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Silicon Supplies
74HCT86 SS-74HCT86 Datasheet
606Kb / 5P
High Speed CMOS TTL Input
74HCT86 SS-74HCT86 Datasheet
537Kb / 5P
High Speed CMOS TTL Input
logo
Nexperia B.V. All right...
74HCT86 NEXPERIA-74HCT86 Datasheet
229Kb / 12P
Quad 2-input EXCLUSIVE-OR gate
Rev. 6 - 13 September 2021
logo
Silicon Supplies
74HCT86 SS-74HCT86 Datasheet
459Kb / 5P
High Speed CMOS TTL Input
Rev 1.1 31/07/21
More results


Similar Description - 74HCT86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5486 TI-SN5486 Datasheet
647Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Diodes Incorporated
74LVC32A DIODES-74LVC32A Datasheet
191Kb / 10P
QUADRUPLE 2-INPUT OR GATES
Rev 3
74LV86A DIODES-74LV86A Datasheet
306Kb / 9P
QUADRUPLE 2-INPUT EXCULSIVE OR GATES
Rev 1
74LV32A DIODES-74LV32A Datasheet
294Kb / 9P
QUADRUPLE 2-INPUT OR GATES
Rev 1
74HCT32 DIODES-74HCT32 Datasheet
296Kb / 8P
QUADRUPLE 2-INPUT OR GATES
Rev 3
74HC86 DIODES-74HC86 Datasheet
299Kb / 9P
QUADRUPLE 2-INPUT EXCULSIVE OR GATES
Rev 3
74HC32 DIODES-74HC32 Datasheet
303Kb / 9P
QUADRUPLE 2-INPUT OR GATES
Rev 3
74AHCT32 DIODES-74AHCT32 Datasheet
289Kb / 8P
QUADRUPLE 2-INPUT OR GATES
Rev 3
74AHC32 DIODES-74AHC32 Datasheet
287Kb / 8P
QUADRUPLE 2-INPUT OR GATES
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com