Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC86 Datasheet (PDF) - Diodes Incorporated

74AHC86 Datasheet PDF - Diodes Incorporated
Part # 74AHC86
Download  74AHC86 Download
File Size   292.89 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description QUADRUPLE 2-INPUT EXCLUSIVE OR GATES

74AHC86 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC86 Datasheet PDF - Diodes Incorporated

Part # 74AHC86
Download  74AHC86 Click to download

File Size   292.89 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description QUADRUPLE 2-INPUT EXCLUSIVE OR GATES

74AHC86 Datasheet (HTML) - Diodes Incorporated


74AHC86 Product details

Description
The 74AHC86 provides provides four independent 2-input exclusive OR gates with standard push-pull outputs. The device is designed for operation with a power supply range of 2.0V to 5.5V. The inputs are tolerant to 5.5V allowing this device to be used in a mixed voltage environment.

Features
• Wide Supply Voltage Range from 2.0V to 5.5V
• Outputs Sink or Source 8mA at VCC = 4.5V
• CMOS Low Power Consumption
• Schmitt Trigger Action at All Inputs
• Inputs can be driven by 3.3V or 5.5V allowing for voltage
    translation applications.
• ESD Protection Exceeds JESD 22
    ▪ 200-V Machine Model (A115-A)
    ▪ 2000-V Human Body Model (A114-A)
    ▪ Exceeds 1000-V Charged Device Model (C101C)
• Latch-Up Exceeds 250mA per JESD 78, Class II
• Range of Package Options SO-14 and TSSOP-14
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• General Purpose Logic
• Wide array of products such as:
    ▪ PCs, Networking, Notebooks, Netbooks
    ▪ Computer Peripherals, Hard Drives, CD/DVD ROM
    ▪ TV, DVD, DVR, Set Top Box




Similar Part No. - 74AHC86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC86 PHILIPS-74AHC86 Datasheet
75Kb / 16P
Quad 2-input EXCLUSIVE-OR gate
1999 Sep 17
74AHC86 NXP-74AHC86 Datasheet
85Kb / 14P
Quad 2-input EXCLUSIVE-OR gate
Rev. 02-15 November 2007
logo
Nexperia B.V. All right...
74AHC86 NEXPERIA-74AHC86 Datasheet
235Kb / 14P
Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 5 June 2020
74AHC86-Q100 NEXPERIA-74AHC86-Q100 Datasheet
705Kb / 15P
Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHC86BQ NXP-74AHC86BQ Datasheet
85Kb / 14P
Quad 2-input EXCLUSIVE-OR gate
Rev. 02-15 November 2007
More results


Similar Description - 74AHC86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5486 TI-SN5486 Datasheet
647Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54ACT86 TI-SN54ACT86 Datasheet
514Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
Quadruple 2-input Exclusive-OR Gates
logo
List of Unclassifed Man...
GD54LS86 ETC1-GD54LS86 Datasheet
56Kb / 2P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Texas Instruments
SN54AHC86 TI-SN54AHC86_08 Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Renesas Technology Corp
HD74LS86 RENESAS-HD74LS86 Datasheet
59Kb / 5P
Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com