Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS24T1G Datasheet (PDF) - ON Semiconductor

SMS24T1G Datasheet PDF - ON Semiconductor
Part # SMS24T1G
Download  SMS24T1G Download
File Size   58.23 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SC??4 Quad Transient Voltage Suppressor

SMS24T1G Datasheet (PDF)

Go To PDF Page Download Datasheet
SMS24T1G Datasheet PDF - ON Semiconductor

Part # SMS24T1G
Download  SMS24T1G Click to download

File Size   58.23 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SC??4 Quad Transient Voltage Suppressor

SMS24T1G Datasheet (HTML) - ON Semiconductor


SMS24T1G Product details

SC−74 Quad Transient Voltage Suppressor
for ESD Protection

This quad monolithic silicon voltage suppressor is designed for applications requiring transient overvoltage protection capability. It is intended for use in voltage and ESD sensitive equipment such as computers, printers, business machines, communication systems and other applications. This quad device provides superior surge protection over current quad Zener MMQA series by providing up to 350 watts peak power.

Features
• SC-74 Package Allows Four Separate Unidirectional Configurations
• Peak Power − 350 W, 8 x 20 μS
• ESD Rating of Class N (Exceeding 25 kV) per
   the Human Body Model
• ESD Rating:
   IEC 61000−4−2 (ESD) 15 kV (air) 8 kV (contact)
   IEC 61000−4−4 (EFT) 40 A (5/50 ns)
   IEC 61000−4−5 (lightning) 23 A (8/20 μs)
• UL Flammability Rating of 94 V−0
• Pb−Free Packages are Available

Typical Applications
• Hand Held Portable Applications such as Cell Phones, Pagers,
   Notebooks and Notebook Computers




Similar Part No. - SMS24T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMS24T1G ONSEMI-SMS24T1G Datasheet
58Kb / 4P
SC??4 Quad Transient Voltage Suppressor
November, 2006 ??Rev. 7
SMS24T1G ONSEMI-SMS24T1G Datasheet
61Kb / 4P
SC-74 Quad Transient Voltage Suppressor
September, 2014 ??Rev. 8
logo
TECH PUBLIC Electronics...
SMS24T1G-TP TECHPUBLIC-SMS24T1G-TP Datasheet
2Mb / 4P
Low Capacitance TVS Diode Array
More results


Similar Description - SMS24T1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMQA5V6T1 MOTOROLA-MMQA5V6T1 Datasheet
136Kb / 8P
SC-59 QUAD TRANSIENT VOLTAGE SUPPRESSOR 5.6 VOLTS
logo
ON Semiconductor
SMS05T1 ONSEMI-SMS05T1 Datasheet
47Kb / 4P
SC-74 Quad Transient Voltage Suppressor for ESD Protection
April, 2002 ??Rev. 5
NUP3112UPMU ONSEMI-NUP3112UPMU Datasheet
141Kb / 3P
Quad Transient Voltage Suppressor Array
June, 2008??Rev. 0
NUP4012PXV6 ONSEMI-NUP4012PXV6 Datasheet
140Kb / 4P
Quad Transient Voltage Suppressor Array
August, 2009??Rev. 1
MMQA5V6T1G ONSEMI-MMQA5V6T1G Datasheet
126Kb / 7P
SC??4 QUAD TRANSIENT VOLTAGE SUPPRESSOR 24 WATTS PEAK POWER 5.6 ??33 VOLTS
February, 2012 ??Rev. 10
SMS24T1G ONSEMI-SMS24T1G Datasheet
58Kb / 4P
SC??4 Quad Transient Voltage Suppressor
November, 2006 ??Rev. 7
SMS15T1G ONSEMI-SMS15T1G Datasheet
58Kb / 4P
SC??4 Quad Transient Voltage Suppressor
November, 2006 ??Rev. 7
NUP4012PMU ONSEMI-NUP4012PMU Datasheet
140Kb / 3P
Quad Transient Voltage Suppressor Array
November, 2008??Rev. 1
SMS05T1 ONSEMI-SMS05T1_14 Datasheet
61Kb / 4P
SC-74 Quad Transient Voltage Suppressor
September, 2014 ??Rev. 8
NUP3112UPMU ONSEMI-NUP3112UPMU_14 Datasheet
76Kb / 4P
Quad Transient Voltage Suppressor Array
April, 2014??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com