Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2133 Datasheet (PDF) - International Rectifier

IR2133 Datasheet PDF - International Rectifier
Part # IR2133
Download  IR2133 Download
File Size   433.98 Kbytes
Page   27 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Floating channel designed for bootstrap operation Fully operational to 600V or1200V Tolerant to negative transient voltage dV/dt immune

IR2133 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2133 Datasheet PDF - International Rectifier

Part # IR2133
Download  IR2133 Click to download

File Size   433.98 Kbytes
Page   27 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Floating channel designed for bootstrap operation Fully operational to 600V or1200V Tolerant to negative transient voltage dV/dt immune

IR2133 Datasheet (HTML) - International Rectifier


IR2133 Product details

Description
The IR2133IR2135/IR2233IR2355 (J&S) are high voltage, high speed power MOSFET and IGBT driver with three independent high side and low side referenced output channels for 3-phase applications. Proprietary HVIC technology enables ruggedized monolithic construction. Logic inputs are compatible with CMOS or LSTTL outputs, down to 2.5V logic. An independent operational amplifier provides an analog feedback of bridge current via an external current sense resistor.

Features
• Floating channel designed for bootstrap operation
   Fully operational to +600V or+1200V Tolerant to negative transient voltage dV/dt immune
• Gate drive supply range from 10V/12V to 20V DC and up to 25V for transient
• Undervoltage lockout for all channels
• Over-current shut down turns off all six drivers
• Independent 3 half-bridge drivers
• Matched propagation delay for all channels
• 2.5V logic compatible
• Outputs out of phase with inputs
• All parts are also available LEAD-FREE




Similar Part No. - IR2133

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2133 IRF-IR2133 Datasheet
218Kb / 12P
3-PHASE BRIDGE DRIVER
IR2133 IRF-IR2133 Datasheet
433Kb / 27P
3-PHASE BRIDGE DRIVER
IR2133 IRF-IR2133 Datasheet
433Kb / 27P
3-PHASE BRIDGE DRIVER
IR2133 IRF-IR2133 Datasheet
433Kb / 27P
3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR2133 INFINEON-IR2133 Datasheet
436Kb / 27P
3-PHASE BRIDGE DRIVER
Data Sheet No. PD60107 revX
More results


Similar Description - IR2133

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2301STRPBF IRF-IRS2301STRPBF Datasheet
396Kb / 15P
Floating channel designed for bootstrap operation
IRS21867STRPBF IRF-IRS21867STRPBF Datasheet
748Kb / 21P
Floating channel designed for bootstrap operation
AUIRS2123 IRF-AUIRS2123_15 Datasheet
563Kb / 20P
Floating channel designed for bootstrap operation
AUIRS2191S IRF-AUIRS2191S_15 Datasheet
353Kb / 19P
Floating channel designed for bootstrap operation
AUIRS2302S IRF-AUIRS2302S_15 Datasheet
394Kb / 19P
Floating channel designed for bootstrap operation
IRS2001MPBF IRF-IRS2001MPBF_15 Datasheet
735Kb / 17P
Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
AUIRS2181S INFINEON-AUIRS2181S Datasheet
670Kb / 22P
Floating channel designed for bootstrap operation
January 10, 2014
AUIRS2191S INFINEON-AUIRS2191S Datasheet
353Kb / 19P
Floating channel designed for bootstrap operation
November 18, 2013
logo
Shenzhen Huazhimei Semi...
HM2103A HMSEMI-HM2103A Datasheet
3Mb / 9P
Floating channel designed for bootstrap operation
HM2103F HMSEMI-HM2103F Datasheet
4Mb / 9P
Floating channel designed for bootstrap operation
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com