Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DA1201Y Datasheet (PDF) - Diodes Incorporated

2DA1201Y Datasheet PDF - Diodes Incorporated
Part # 2DA1201Y
Download  2DA1201Y Download
File Size   289.0 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 120V PNP SILICON TRANSISTOR IN SOT89

2DA1201Y Datasheet (PDF)

Go To PDF Page Download Datasheet
2DA1201Y Datasheet PDF - Diodes Incorporated

Part # 2DA1201Y
Download  2DA1201Y Click to download

File Size   289.0 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 120V PNP SILICON TRANSISTOR IN SOT89

2DA1201Y Datasheet (HTML) - Diodes Incorporated


2DA1201Y Product details

Features
• BVCEO > -120V
• Max Continuous Current IC = -0.8A
• High Gain Holds up hFE ≥ 120 @ IC = -100mA
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP capable (Note 4)




Similar Part No. - 2DA1201Y

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DA1201Y-7 DIODES-2DA1201Y-7 Datasheet
393Kb / 7P
120V PNP SILICON TRANSISTOR IN SOT89
Rev 3
2DA1201YQTC DIODES-2DA1201YQTC Datasheet
393Kb / 7P
120V PNP SILICON TRANSISTOR IN SOT89
Rev 3
2DA1201Y DIODES-2DA1201Y_15 Datasheet
393Kb / 7P
120V PNP SILICON TRANSISTOR IN SOT89
Rev 3
More results


Similar Description - 2DA1201Y

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BST61 ZETEX-BST61 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FCX591A DIODES-FCX591A Datasheet
199Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
S33062 Rev. 4 - 2
FCX1147A DIODES-FCX1147A Datasheet
92Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
DECEMBER 1998
ZXTP19060CZ DIODES-ZXTP19060CZ Datasheet
437Kb / 8P
60V PNP medium transistor in SOT89
FEBRUARY 2008
FCX790ATA DIODES-FCX790ATA Datasheet
48Kb / 4P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
OCTOBER 2005
FCX558TA DIODES-FCX558TA Datasheet
297Kb / 6P
400V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT89
Rev 4
logo
List of Unclassifed Man...
FCX1151ATA ETC2-FCX1151ATA Datasheet
66Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
2DA1201Y DIODES-2DA1201Y_15 Datasheet
393Kb / 7P
120V PNP SILICON TRANSISTOR IN SOT89
Rev 3
FCX718 DIODES-FCX718_15 Datasheet
71Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
DECEMBER 1998
FCX591A DIODES-FCX591A_15 Datasheet
293Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com