Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA08SD60STRPBF Datasheet (PDF) - Vishay Siliconix

HFA08SD60STRPBF Datasheet PDF - Vishay Siliconix
Part # HFA08SD60STRPBF
Download  HFA08SD60STRPBF Download
File Size   143.2 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description HEXFRED® Ultrafast Soft Recovery Diode, 8 A

HFA08SD60STRPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA08SD60STRPBF Datasheet PDF - Vishay Siliconix

Part # HFA08SD60STRPBF
Download  HFA08SD60STRPBF Click to download

File Size   143.2 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description HEXFRED® Ultrafast Soft Recovery Diode, 8 A

HFA08SD60STRPBF Datasheet (HTML) - Vishay Siliconix




Similar Part No. - HFA08SD60STRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA08SD60STR-M3 VISHAY-HFA08SD60STR-M3 Datasheet
138Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 8 A
31-Mar-11
More results


Similar Description - HFA08SD60STRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA08SD60SPBF VISHAY-HFA08SD60SPBF_13 Datasheet
143Kb / 8P
HEXFRED® Ultrafast Soft Recovery Diode, 8 A
14-Jun-11
VS-HFA08TB60HN3 VISHAY-VS-HFA08TB60HN3 Datasheet
186Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 8 A
15-Jul-15
VS-HFA08TB60SPBF VISHAY-VS-HFA08TB60SPBF Datasheet
198Kb / 8P
HEXFRED® Ultrafast Soft Recovery Diode, 8 A
26-Feb-16
VS-HFA08TB120SPBF VISHAY-VS-HFA08TB120SPBF Datasheet
174Kb / 8P
HEXFRED® , Ultrafast Soft Recovery Diode, 8 A
26-Feb-16
VS-HFA16PA60CPBF VISHAY-VS-HFA16PA60CPBF Datasheet
208Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
10-Jul-15
VS-HFA16PA120CPBF VISHAY-VS-HFA16PA120CPBF Datasheet
155Kb / 8P
HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
10-Jul-15
VS-HFA16TA60CSPBF VISHAY-VS-HFA16TA60CSPBF Datasheet
173Kb / 8P
HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
09-May-16
VS-HFA16PA120C-N3 VISHAY-VS-HFA16PA120C-N3 Datasheet
161Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
11-Oct-2019
VS-HFA135NH40PBF VISHAY-VS-HFA135NH40PBF_V02 Datasheet
160Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 275 A
11-Jan-18
VS-HFA140NJ60CPBF VISHAY-VS-HFA140NJ60CPBF_V02 Datasheet
160Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 167 A
05-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com