Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN26020DMF_V1 Datasheet (PDF) - Diodes Incorporated

ZXTN26020DMF_V1 Datasheet PDF - Diodes Incorporated
Part # ZXTN26020DMF_V1
Download  ZXTN26020DMF_V1 Download
File Size   259.64 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Industry smallest 1.5A transistor

ZXTN26020DMF_V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN26020DMF_V1 Datasheet PDF - Diodes Incorporated

Part # ZXTN26020DMF_V1
Download  ZXTN26020DMF_V1 Click to download

File Size   259.64 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Industry smallest 1.5A transistor

ZXTN26020DMF_V1 Datasheet (HTML) - Diodes Incorporated


ZXTN26020DMF_V1 Product details

The Diodes’ Advantage
■ Ultra-Miniature Package
   1.4mm x 1.1mm footprint; 78% smaller than SOT23
■ Excellent thermal performance
   FR-4 PCB power rating of 0.38W on minimum copper foot print
■ Very low saturation voltage
   Low voltage drop, reduced dissipation and heating. <70mV @ 0.5A
■ Good gain hold up
   Low drive requirements for pulse applications. 200 min @ 2A

Applications
■ MOSFET or IGBT gate driver
■ DC-DC conversion
■ High power density modules
■ Load disconnect switch
■ Low / High sided switching circuits




Similar Part No. - ZXTN26020DMF_V1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN26020DMFTA DIODES-ZXTN26020DMFTA Datasheet
141Kb / 6P
HIGH GAIN, LOW VCE(SAT) NPN BIPOLAR TRANSISTOR
DS31953 Rev. 2 - 1
ZXTN26020DMF DIODES-ZXTN26020DMF_15 Datasheet
141Kb / 6P
HIGH GAIN, LOW VCE(SAT) NPN BIPOLAR TRANSISTOR
Rev 2
More results


Similar Description - ZXTN26020DMF_V1

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2211 ROHM-2SD2211 Datasheet
138Kb / 4P
Power Transistor (160V , 1.5A)
logo
List of Unclassifed Man...
GXB1000 ETC-GXB1000 Datasheet
185Kb / 2P
Industry?셲 Smallest GPS Receiver Module
logo
Vishay Siliconix
FX5545G005 VISHAY-FX5545G005 Datasheet
209Kb / 4P
Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G006 VISHAY-FX5545G006 Datasheet
526Kb / 7P
Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
18-Jan-05
logo
Infineon Technologies A...
PMB2525 INFINEON-PMB2525 Datasheet
148Kb / 2P
The Industry?셲 Highest Performance GPS Receiver in the smallest package yet.
logo
Exar Corporation
XR21B1411 EXAR-XR21B1411 Datasheet
836Kb / 2P
Single Channel USB UART with Industry`s Smallest Package and Optimized Software Drivers
logo
Rohm
2SD1918 ROHM-2SD1918_10 Datasheet
149Kb / 3P
Power Transistor (160V , 1.5A)
logo
Microchip Technology
USB3322C-GL-TR MICROCHIP-USB3322C-GL-TR Datasheet
1Mb / 79P
Industry?셲 Smallest Hi-Speed USB Transceiver with 1.8V ULPI Interface
Revision 1.1 11-20-12
USB3329C-GL-TR MICROCHIP-USB3329C-GL-TR Datasheet
1Mb / 79P
Industry?셲 Smallest Hi-Speed USB Transceiver with 1.8V ULPI Interface
Revision 1.1 11-20-12
USB333X MICROCHIP-USB333X Datasheet
1Mb / 85P
Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
03/25/14
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com